Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45190E Datasheet(PDF) 2 Page - Kemet Corporation

Part # B45190E
Description  Low Profile, Standard and Low ESR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45190E Datasheet(HTML) 2 Page - Kemet Corporation

  B45190E Datasheet HTML 1Page - Kemet Corporation B45190E Datasheet HTML 2Page - Kemet Corporation B45190E Datasheet HTML 3Page - Kemet Corporation B45190E Datasheet HTML 4Page - Kemet Corporation B45190E Datasheet HTML 5Page - Kemet Corporation B45190E Datasheet HTML 6Page - Kemet Corporation B45190E Datasheet HTML 7Page - Kemet Corporation B45190E Datasheet HTML 8Page - Kemet Corporation B45190E Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Construction
Polar tantalum capacitors with solid
electrolyte
Conventional TaMnO2 technology
Flame-retardant plastic case (UL 94 V-0)
Tinned terminals
Features
Reduced height: Hmax = 1.2 / 1.5 / 2.0 mm
High volumetric efficiency
Excellent solderability
Stable temperature and frequency characteristics
Low leakage current, low dissipation factor
Low self-inductance
High resistance to shock and vibration
Suitable for use without series resistor
(special operating conditions recommended)
Lead-free and material content compatible with RoHS
Applications
Telecommunications (e.g. mobile phones, infrastructure)
Data processing (e.g. laptops, mainframes)
Measuring and control engineering (e.g. voltage regulators)
Automotive electronics (e.g. navigation systems, electronic control units)
Medical engineering
Switch mode power supplies with very high clock frequencies (300 kHz)
DC/DC converters
Soldering
Suitable for reflow soldering (IR and vapor phase, in compliance with JEDEC J-STD-020 C) and
wave soldering
Delivery mode
Taped and reeled in accordance with IEC 60286-3
Tantalum chip capacitors
B45190E/R, B45192E/R, B45194E/R, B450
Low Profile, Standard and Low ESR
Page 2 of 16
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45190E

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45190E KEMET-B45190E Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45190E KEMET-B45190E Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
More results

Similar Description - B45190E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T83 VISHAY-T83 Datasheet
585Kb / 19P
   Standard and low ESR options
Revision: 14-Nov-16
logo
Illinois Capacitor, Inc...
226ULG025MEF ILLINOISCAPACITOR-226ULG025MEF_16 Datasheet
155Kb / 2P
   Standard Low ESR
226UVG020MEW ILLINOISCAPACITOR-226UVG020MEW_16 Datasheet
231Kb / 2P
   Low ESR Standard
logo
Nichicon corporation
RL8 NICHICON-RL8 Datasheet
702Kb / 2P
   Low ESR, Low Profile
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
RS8 NICHICON-RS8 Datasheet
710Kb / 2P
   Low ESR / ESL, Low Profile
RF8 NICHICON-RF8 Datasheet
687Kb / 2P
   Low ESR / ESL, Low Profile
logo
Dubilier
DSHX DUBILIER-DSHX Datasheet
265Kb / 3P
   LOW IMPEDANCE AND LOW ESR
logo
EUROQUARTZ limited
49USMX EUROQUARTZ-49USMX Datasheet
329Kb / 1P
   49SMD Standard and Low Profile
logo
AVX Corporation
TAJ AVX-TAJ Datasheet
667Kb / 13P
   Standard and Low Profile Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com