Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1AGX35DF1152C6N Datasheet(PDF) 8 Page - Altera Corporation

Part # EP1AGX35DF1152C6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35DF1152C6N Datasheet(HTML) 8 Page - Altera Corporation

Back Button EP1AGX35DF1152C6N Datasheet HTML 4Page - Altera Corporation EP1AGX35DF1152C6N Datasheet HTML 5Page - Altera Corporation EP1AGX35DF1152C6N Datasheet HTML 6Page - Altera Corporation EP1AGX35DF1152C6N Datasheet HTML 7Page - Altera Corporation EP1AGX35DF1152C6N Datasheet HTML 8Page - Altera Corporation EP1AGX35DF1152C6N Datasheet HTML 9Page - Altera Corporation EP1AGX35DF1152C6N Datasheet HTML 10Page - Altera Corporation EP1AGX35DF1152C6N Datasheet HTML 11Page - Altera Corporation EP1AGX35DF1152C6N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 234 page
background image
2–2
Chapter 2: Arria GX Architecture
Transceivers
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
Figure 2–1 shows a high-level diagram of the transceiver block architecture divided
into four channels.
Each transceiver block has:
Four transceiver channels with dedicated physical coding sublayer (PCS) and
physical media attachment (PMA) circuitry
One transmitter PLL that takes in a reference clock and generates high-speed serial
clock depending on the functional mode
Four receiver PLLs and clock recovery unit (CRU) to recover clock and data from
the received serial data stream
State machines and other logic to implement special features required to support
each protocol
Figure 2–2 shows functional blocks that make up a transceiver channel.
Figure 2–1. Transceiver Block
Channel 1
Channel 0
Channel 2
Supporting Blocks
(PLLs, State Machines,
Programming)
Channel 3
RX1
TX1
RX0
TX0
RX2
TX2
RX3
TX3
REFCLK_1
REFCLK_0
Transceiver Block
Arria GX
Logic Array
Figure 2–2. Arria GX Transceiver Channel Block Diagram
Notes to Figure 2–2:
(1) “n” represents the number of bits in each word that must be serialized by the transmitter portion of the PMA.
n = 8 or 10.
(2) “m” represents the number of bits in the word that passes between the FPGA logic and the PCS portion of the transceiver. m = 8, 10, 16, or 20.
Deserializer
Serializer
Word
Aligner
8B/10B
Decoder
XAUI
Lane
Deskew
Byte
Deserializer
8B/10B
Encoder
Phase
Compensation
FIFO Buffer
Reference
Clock
Reference
Clock
Byte
Serializer
Phase
Compensation
FIFO Buffer
Rate
Matcher
PCS Digital Section
FPGA Fabric
PMA Analog Section
Receiver
PLL
Transmitter
PLL
Clock
Recovery
Unit
m
n
n
m
(1)
(2)
(2)
(1)


Similar Part No. - EP1AGX35DF1152C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX35DF1152C6N ALTERA-EP1AGX35DF1152C6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX35DF1152C6N ALTERA-EP1AGX35DF1152C6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX35DF1152C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com