Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI6132 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NI6132
Description  S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI6132 Datasheet(HTML) 2 Page - National Instruments Corporation

  NI6132 Datasheet HTML 1Page - National Instruments Corporation NI6132 Datasheet HTML 2Page - National Instruments Corporation NI6132 Datasheet HTML 3Page - National Instruments Corporation NI6132 Datasheet HTML 4Page - National Instruments Corporation NI6132 Datasheet HTML 5Page - National Instruments Corporation NI6132 Datasheet HTML 6Page - National Instruments Corporation NI6132 Datasheet HTML 7Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Professional Analysis and
Presentation Toolkits
There are several analysis and presentation add-on toolkits available
from National Instruments that help make you more productive
when developing custom applications with your S Series devices.
Turn your S Series device into a transient recorder, spectrum
analyzer, or one of several other instruments with these toolkits.
NI LabVIEW Sound and Vibration Toolkit
This toolkit includes a full set of frequency-domain analysis and
presentation tools required for sound and vibration applications.
These tools include:
• Distortion, gain, phase, cross-talk, and dynamic range measurements
• Octave analysis
• Swept-sine analysis
• Linear, exponential, and peak hold measurements
• Baseband and zoom FFT, power, FFT, power spectral density (PSD)
• Limit testing
• Short-time Fourier transform and shock response spectrum
• Weighting filters
• System calibration
• Waterfall/colormap display
NI LabVIEW Signal Processing Toolkit
This toolkit is a suite of software tools, example programs, and
utilities for time-frequency analysis and digital filter design. The
toolkit includes:
• Wavelet and filter-bank design
• Digital filter design of FIR and IIR filters
• Joint time-frequency analysis (JTFA) with the Gabor spectrograph
• High-frequency resolution model-based spectral estimation for
small datasets
NI Spectral Measurements Toolkit
This toolkit includes all of the analysis and presentation tools to
convert your S Series device into a full-featured spectrum analyzer.
The toolkit includes:
• Measurements such as in-band power and adjacent-channel power
• 3D spectrogram
• Analog modulation and demodulation
• I-Q data for digital demodulation
• Highly optimized FFT processing
High-Performance Data Throughput
Using NI-DAQmx driver software and S Series, you can take full
advantage of your PC’s throughput potential, which is useful in many
applications including transient recording.
Flexible Data Transfer
With NI-DAQmx, you can choose where to accumulate data – on the
onboard memory, PC RAM memory, or PC hard drive memory.
Thus, you can balance your PC application requirements and
stream-to-disk/memory capabilities. In any case, NI-DAQmx
optimizes data transfers by using DMA (direct memory access) and
transferring large chunks of data, while ensuring no data loss. You
can also choose the format of your data, further optimizing
throughput. Choices include raw (binary), scaled, or the high-level
waveform data type. Using these techniques, you can achieve rates of
more than 40 MS/s sustained over the PCI/PXI bus to hard drive
(depending on the PC).
S Series Multifunction DAQ – up to 16-Bit,
up to 3 MS/s per Channel, up to 8 Analog Inputs
2 National Instruments • Tel: (800) 813 3693 • info@ni.com • ni.com
Figure 1. Sound and Vibration Toolkit


Similar Part No. - NI6132

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6110 NI-NI6110 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NI6111 NI-NI6111 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NI6115 NI-NI6115 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
More results

Similar Description - NI6132

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6071E NI-NI6071E Datasheet
257Kb / 11P
   Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
777740-01 NI-777740-01 Datasheet
446Kb / 8P
   High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
logo
Adlink Technology Inc.
PXI-2204 ADLINK-PXI-2204 Datasheet
208Kb / 1P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
NIUSB-6210 NI-NIUSB-6210 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit, up to 400 kS/s
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com