Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1AGX60DF1152C6N Datasheet(PDF) 6 Page - Altera Corporation

Part # EP1AGX60DF1152C6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX60DF1152C6N Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP1AGX60DF1152C6N Datasheet HTML 2Page - Altera Corporation EP1AGX60DF1152C6N Datasheet HTML 3Page - Altera Corporation EP1AGX60DF1152C6N Datasheet HTML 4Page - Altera Corporation EP1AGX60DF1152C6N Datasheet HTML 5Page - Altera Corporation EP1AGX60DF1152C6N Datasheet HTML 6Page - Altera Corporation EP1AGX60DF1152C6N Datasheet HTML 7Page - Altera Corporation EP1AGX60DF1152C6N Datasheet HTML 8Page - Altera Corporation EP1AGX60DF1152C6N Datasheet HTML 9Page - Altera Corporation EP1AGX60DF1152C6N Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 234 page
background image
1–4
Chapter 1: Arria GX Device Family Overview
Document Revision History
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
Table 1–3 lists the Arria GX device package sizes.
Document Revision History
Table 1–4 lists the revision history for this chapter.
EP1AGX60D
8
31
29
350
EP1AGX60E
12
42
42
514
EP1AGX90E
12
47
45
538
Table 1–2. Arria GX Package Options (Pin Counts and Transceiver Channels) (Part 2 of 2)
Device
Transceiver
Channels
Source-Synchronous Channels
Maximum User I/O Pin Count
Receive
Transmit
484-Pin FBGA
(23 mm)
780-Pin FBGA
(29 mm)
1152-Pin
FBGA
(35 mm)
Table 1–3. Arria GX FBGA Package Sizes
Dimension
484 Pins
780 Pins
1152 Pins
Pitch (mm)
1.00
1.00
1.00
Area (mm2)
529
841
1225
Length × width
(mm × mm)
23 × 23
29 × 29
35 × 35
Table 1–4. Document Revision History
Date and Document Version
Changes Made
Summary of Changes
December 2009, v2.0
Document template update.
Minor text edits.
May 2008, v1.2
Included support for SDI,
SerialLite II, and XAUI.
June 2007, v1.1
Included GIGE information.
May 2007, v1.0
Initial Release


Similar Part No. - EP1AGX60DF1152C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX60DF1152C6N ALTERA-EP1AGX60DF1152C6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX60DF1152C6N ALTERA-EP1AGX60DF1152C6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX60DF1152C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com