Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI6552 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NI6552
Description  100 MHz Logic Analyzer/Digital Pattern Generators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI6552 Datasheet(HTML) 3 Page - National Instruments Corporation

  NI6552 Datasheet HTML 1Page - National Instruments Corporation NI6552 Datasheet HTML 2Page - National Instruments Corporation NI6552 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NI Services and Support
NI has the services and support to meet
your needs around the globe and through
the application life cycle – from planning
and development through deployment
and ongoing maintenance. We offer
services and service levels to meet
customer requirements in research,
design, validation, and manufacturing.
Visit ni.com/services.
Training and Certification
NI training is the fastest, most certain route to productivity with our
products. NI training can shorten your learning curve, save development
time, and reduce maintenance costs over the application life cycle. We
schedule instructor-led courses in cities worldwide, or we can hold a
course at your facility. We also offer a professional certification program
that identifies individuals who have high levels of skill and knowledge on
using NI products. Visit ni.com/training.
Professional Services
Our Professional Services Team is comprised of NI applications engineers,
NI Consulting Services, and a worldwide National Instruments Alliance
Partner program of more than 600 independent consultants and
integrators. Services range from
start-up assistance to turnkey
system integration.
Visit ni.com/alliance.
OEM Support
We offer design-in consulting and product integration assistance if you
want to use our products for OEM applications. For information about
special pricing and services for OEM customers, visit ni.com/oem.
Local Sales and Technical Support
In offices worldwide, our staff is local to the country, giving you access
to engineers who speak your language. NI delivers industry-leading
technical support through online knowledge bases, our applications
engineers, and access to 14,000 measurement and automation
professionals within NI Developer Exchange forums. Find immediate
answers to your questions at ni.com/support.
We also offer service programs that provide automatic upgrades to
your application development environment and higher levels of technical
support. Visit ni.com/ssp.
Hardware Services
NI Factory Installation Services
NI Factory Installation Services (FIS) is the fastest and easiest way to
use your PXI or PXI/SCXI combination systems right out of the box.
Trained NI technicians install the software and hardware and configure
the system to your specifications. NI extends the standard warranty by
one year on hardware components (controllers, chassis, modules)
purchased with FIS. To use FIS, simply configure your system online with
ni.com/pxiadvisor.
Calibration Services
NI recognizes the need to maintain properly calibrated devices for
high-accuracy measurements. We provide manual calibration
procedures, services to recalibrate your products, and automated
calibration software specifically designed for use by metrology
laboratories. Visit ni.com/calibration.
Repair and Extended Warranty
NI provides complete repair services for our products. Express repair
and advance replacement services are also available. We offer
extended warranties to help you meet project life-cycle requirements.
Visit ni.com/services.
SERVICE
NEEDS
© 2006 National Instruments Corporation. All rights reserved. CVI, LabVIEW, National Instruments, National Instruments Alliance Partner, NI, ni.com, SCXI, and SignalExpress are
trademarks of National Instruments. Other product and company names listed are trademarks or trade names of their respective companies.
A National Instruments Alliance Partner is a business entity independent from NI and has no agency, partnership, or joint-venture relationship with NI.
National Instruments • info@ni.com
ni.com • (800) 813 3693
*342568A-01*
342568A-01
2005-6444-101-D


Similar Part No. - NI6552

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI655X NI-NI655X Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-Voltage Digital Waveform Generator/Analyzers
More results

Similar Description - NI6552

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
16900 HP-16900 Datasheet
1Mb / 35P
   Logic Analyzer
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Keysight Technologies
U4164A KEYSIGHT-U4164A Datasheet
1Mb / 34P
   Logic Analyzer Module
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Zilog, Inc.
Z8932312ZEM ZILOG-Z8932312ZEM Datasheet
54Kb / 5P
   HP Logic Analyzer Interface
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
JDS Uniphase Corporatio...
SDA-5000 JDSU-SDA-5000 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
SDA-4040D JDSU-SDA-4040D Datasheet
754Kb / 8P
   Stealth Digital Analyzer
logo
Agilent(Hewlett-Packard...
N2100B HP-N2100B Datasheet
504Kb / 4P
   Digital Communication Analyzer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com