Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS49587C5871G Datasheet(PDF) 6 Page - ON Semiconductor

Part # AMIS49587C5871G
Description  Power Line Carrier Modem
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS49587C5871G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AMIS49587C5871G Datasheet HTML 2Page - ON Semiconductor AMIS49587C5871G Datasheet HTML 3Page - ON Semiconductor AMIS49587C5871G Datasheet HTML 4Page - ON Semiconductor AMIS49587C5871G Datasheet HTML 5Page - ON Semiconductor AMIS49587C5871G Datasheet HTML 6Page - ON Semiconductor AMIS49587C5871G Datasheet HTML 7Page - ON Semiconductor AMIS49587C5871G Datasheet HTML 8Page - ON Semiconductor AMIS49587C5871G Datasheet HTML 9Page - ON Semiconductor AMIS49587C5871G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
AMIS--49587
http://onsemi.com
6
3.2 QFN Packaging
AMIS--49587
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
NC
NC
TMS
TCK
TDI
TDO
RX _DATA
NC
NC
NC
NC
M50Hz_IN
NC
NC
T_REQ
NC
BR1
BR0
CRC
NC
TEST
NC
NC
TRST
RES
TX_EN
Figure 3. QFN Pin--out of AMIS--49587 (Top view)
Table 7. AMIS--49587 QFN PIN FUNCTION DESCRIPTION
Pin
No.
Pin Name
I/O
Type
Description
1
M50HZ_IN
In
A
50/60Hz input for mains zero cross detection
6
RX_DATA
Out
D, 5V Safe
Data reception indication (open drain output)
7
TDO
Out
D
Test data output
8
TDI
In
D
Test data input (internal pull down)
9
TCK
In
D
Test clock (internal pull down)
10
TMS
In
D
Test mode select (internal pull down)
11
TRSTB
In
D
Test reset bar (internal pull down, active low)
16
TX_DATA/PRE_SLOT
Out
D, 5V Safe
Data output corresponding to transmitted data or PRE_SLOT signal
(open drain)
17
XIN
In
A
Xtal input (can be driven by an internal clock)
18
XOUT
Out
A
Xtal output (output floating when XIN driven by external clock)
20
VSS
P
Digital ground
21
VDD
P
3.3 V digital supply
22
TXD
Out
D, 5V Safe
SCI transmit output (open drain)
24
RXD
In
D, 5V Safe
SCI receive input (Schmitt trigger input)
29
T_REQ
In
D, 5V Safe
Transmit Request input
31
BR1
In
D, 5V Safe
SCI baud rate selection
32
BR0
In
D, 5V Safe
SCI baud rate selection
33
CRC
Out
D, 5V Safe
Correct frame CRC indication (open drain output)
35
RESB
In
D, 5V Safe
Master reset bar (Schmitt trigger input, active low)
36
TEST
In
D
Test enable (internal pull down)
P:
Power pin
A:
Analog pin
D:
Digital pin
5V Safe: IO that support the presence of 5 V on bus line
Out:
Output signal
In:
Input signal


Similar Part No. - AMIS49587C5871G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS49587C5871G ONSEMI-AMIS49587C5871G Datasheet
371Kb / 56P
   Power Line Carrier Modem
December, 2015 ??Rev. 2
More results

Similar Description - AMIS49587C5871G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49599 ONSEMI-NCN49599 Datasheet
425Kb / 39P
   Power Line Carrier Modem
March, 2013 ??Rev. P0
NCN49597 ONSEMI-NCN49597 Datasheet
392Kb / 28P
   Power Line Carrier Modem
December, 2011 ??Rev. P0
AMIS-49587 ONSEMI-AMIS-49587_15 Datasheet
371Kb / 56P
   Power Line Carrier Modem
December, 2015 ??Rev. 2
AMIS-49587 ONSEMI-AMIS-49587 Datasheet
475Kb / 59P
   Power Line Carrier Modem
June, 2009 ??Rev. P0
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
   Power line modem
April 15 1992
logo
ON Semiconductor
MC68194 ONSEMI-MC68194 Datasheet
361Kb / 24P
   Carrier Band Modem(CBM)
February, 2000 ??Rev. 6
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
   Power Line Communication Modem
January, 2017 ??Rev. P5
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com