Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1AGX35EF1152C6N Datasheet(PDF) 10 Page - Altera Corporation

Part # EP1AGX35EF1152C6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35EF1152C6N Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP1AGX35EF1152C6N Datasheet HTML 6Page - Altera Corporation EP1AGX35EF1152C6N Datasheet HTML 7Page - Altera Corporation EP1AGX35EF1152C6N Datasheet HTML 8Page - Altera Corporation EP1AGX35EF1152C6N Datasheet HTML 9Page - Altera Corporation EP1AGX35EF1152C6N Datasheet HTML 10Page - Altera Corporation EP1AGX35EF1152C6N Datasheet HTML 11Page - Altera Corporation EP1AGX35EF1152C6N Datasheet HTML 12Page - Altera Corporation EP1AGX35EF1152C6N Datasheet HTML 13Page - Altera Corporation EP1AGX35EF1152C6N Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 234 page
background image
2–4
Chapter 2: Arria GX Architecture
Transceivers
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
Figure 2–3 shows the block diagram of the clock multiplier unit.
The transmitter PLL multiplies the input reference clock to generate the high-speed
serial clock required to support the intended protocol. It implements a half-rate
voltage controlled oscillator (VCO) that generates a clock at half the frequency of the
serial data rate for which it is configured.
Figure 2–4 shows the block diagram of the transmitter PLL.
The reference clock input to the transmitter PLL can be derived from:
One of two available dedicated reference clock input pins (REFCLK0 or REFCLK1)
of the associated transceiver block
PLD global clock network (must be driven directly from an input clock pin and
cannot be driven by user logic or enhanced PLL)
Figure 2–3. Clock Multiplier Unit
TX Clock
Gen Block
TX Clock
Gen Block
CMU Block
Reference Clock
from REFCLKs,
Global Clock (1),
Inter-Transceiver
Lines
Transmitter Channels [3:2]
Transmitter
PLL
Transmitter Channels [1:0]
Local Clock
Divider Block
Central Clock
Divider
Block
Local Clock
Divider Block
Transmitter High-Speed Serial
and Low-Speed Parallel Clocks
Transmitter High-Speed Serial
and Low-Speed Parallel Clocks
Figure 2–4. Transmitter PLL
Notes to Figure 2–4:
(1) You only need to select the protocol and the available input reference clock frequency in the ALTGXB MegaWizard Plug-In Manager. Based on your
selections, the MegaWizard Plug-In Manager automatically selects the necessary /M and /L dividers (clock multiplication factors).
(2) The global clock line must be driven from an input pin only.
Phase
Frequency
Detector
Charge
Pump + Loop
Filter
up
Voltage
Controlled
Oscillator
/M
(1)
INCLK
/L
(1)
Transmitter PLL
Dedicated
REFCLK0
/2
Dedicated
REFCLK1
/2
Inter-Transceiver Lines[2:0]
Global Clock
(2)
High Speed
Serial Clock
To
Inter-Transceiver Lines
down


Similar Part No. - EP1AGX35EF1152C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX35EF1152C6N ALTERA-EP1AGX35EF1152C6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX35EF1152C6N ALTERA-EP1AGX35EF1152C6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX35EF1152C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com