Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-6133 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NIPXI-6133
Description  S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-6133 Datasheet(HTML) 1 Page - National Instruments Corporation

  NIPXI-6133 Datasheet HTML 1Page - National Instruments Corporation NIPXI-6133 Datasheet HTML 2Page - National Instruments Corporation NIPXI-6133 Datasheet HTML 3Page - National Instruments Corporation NIPXI-6133 Datasheet HTML 4Page - National Instruments Corporation NIPXI-6133 Datasheet HTML 5Page - National Instruments Corporation NIPXI-6133 Datasheet HTML 6Page - National Instruments Corporation NIPXI-6133 Datasheet HTML 7Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Overview and Applications
National Instruments 612x and 613x devices combine the latest in
PC technologies to deliver simultaneous sampling for high-channel-
count, high-speed applications. Use these modules in a variety of
applications, including:
• IF digitization
• Transient recording
• ISDN, ADSL, and POTS manufacturing test in the telecom industry
• Ultrasound and sonar testing
• High-energy physics
Features
These devices fall under the NI S Series product family. The “S”
stands for simultaneous sampling, as this is the most apparent
benefit of the dedicated analog-to-digital (A/D) converter per
channel architecture. However, the architecture has other less
obvious but very important advantages.
More Data Throughput – The dedicated A/D converter per channel
architecture provides a much higher aggregate sampling rate
compared to traditional multiplexed data acquisition devices.
Traditional multiplexed data acquisition devices share one A/D converter
among multiple channels, keeping the aggregate data throughput
constant, regardless of the number of active channels. S Series
aggregate data throughput increases linearly with the number of
active channels.
Better Dynamic Specifications – The analog input path on S Series
devices is tuned for both accurate DC and dynamic measurements,
compared to traditional multiplexed data acquisition devices that
suffer from settling time and distortion error created by switching
the input channel. Traditional multiplexed data acquisition devices
are ideal for DC measurements, but are not the best solution for
dynamic measurements.
Many Input Ranges – You can configure each analog input channel to
use one of several voltage ranges. Make the most of your input
resolution by selecting among the four voltage ranges offered by the
NI 612x and 613x devices.
Large Onboard Memory – NI 6123 and NI 6133 devices feature a 16 or
32 MS onboard memory while the NI 6122 and NI 6132 devices
feature a 16 MS memory. With deep onboard memory, capture high-
bandwidth signals over long periods of time, regardless of
bus limitations.
S Series Multifunction DAQ – up to 16-Bit,
up to 3 MS/s per Channel, up to 8 Analog Inputs
Input
Family
Bus
Analog Inputs
Resolution (bits)
Sampling Rate
Input Ranges
Digital I/O
Counter/Timers
Trigger
NI 6123
PCI, PXI
8
16
500 kS/s per channel
4
8 @ 10 MHz
2, 24-bit
Analog, digital
NI 6122
PCI, PXI
4
16
500 kS/s per channel
4
8 @ 10 MHz
2, 24-bit
Analog, digital
NI 6133
PCI, PXI
8
14
3 MS/s per channel1
4
8 @ 10 MHz
2, 24-bit
Analog, digital
NI 6132
PCI, PXI
4
14
3 MS/s per channel1
4
8 @ 10 MHz
2, 24-bit
Analog, digital
12.5 MS/s with NI-DAQmx; 3 MS/s with additional download. Special conditions apply.
Table 1. Channel, Speed, and Resolution Specifications
NI 6123, NI 6122, NI 6133, NI 6132
• 4 or 8 simultaneous-sampling
differential analog inputs
• 14- or 16-bit resolution
• 3 MS/s1 or 500 kS/s per channel
maximum sampling rate
• 4 analog input ranges
• Deep onboard memory –
16 or 32 MS
• 8 digital I/O lines
(5 V/TTL/CMOS);
two 24-bit counter/timers
• Digital and analog triggering
• Measurement services that simplify
configuration and measurements
Operating Systems
• Windows 2000/NT/XP
Recommended NI Software
• LabVIEW 7.x or higher
• LabWindows/CVI 7.x or higher
• Measurement Studio 7.x or higher
• Digital Waveform Editor
• SignalExpress 1.x or higher
Other Compatible Software
• VI Logger 2.x or higher
• Visual Studio .NET
• Visual Basic, C/C++, and C#
Measurement Services
Software (included)
• NI-DAQmx driver
• Measurement & Automation
Explorer configuration utility
• VI Logger Lite data-logging software
Calibration Certificate Available


Similar Part No. - NIPXI-6133

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-6115 NI-NIPXI-6115 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPXI-6120 NI-NIPXI-6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
More results

Similar Description - NIPXI-6133

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6071E NI-NI6071E Datasheet
257Kb / 11P
   Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
777740-01 NI-777740-01 Datasheet
446Kb / 8P
   High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
logo
Adlink Technology Inc.
PXI-2204 ADLINK-PXI-2204 Datasheet
208Kb / 1P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
NIUSB-6210 NI-NIUSB-6210 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit, up to 400 kS/s
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com