Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND7NV04-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VND7NV04-E
Description  OMNIFET II fully autoprotected Power MOSFET
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7NV04-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VND7NV04-E Datasheet HTML 5Page - STMicroelectronics VND7NV04-E Datasheet HTML 6Page - STMicroelectronics VND7NV04-E Datasheet HTML 7Page - STMicroelectronics VND7NV04-E Datasheet HTML 8Page - STMicroelectronics VND7NV04-E Datasheet HTML 9Page - STMicroelectronics VND7NV04-E Datasheet HTML 10Page - STMicroelectronics VND7NV04-E Datasheet HTML 11Page - STMicroelectronics VND7NV04-E Datasheet HTML 12Page - STMicroelectronics VND7NV04-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VNN7NV04, VNS7NV04, VND7NV04, VND7NV04-1
Electrical specifications
Doc ID 7383 Rev 3
9/37
Switching (Tj=25 °C, unless otherwise specified)
td(on)
Turn-on delay time
VDD=15 V; ID=3.5 A
Vgen=5 V; Rgen=RIN MIN=150 Ω
(see figure Figure 4.)
100
300
ns
tr
Rise time
470
1500
ns
td(off)
Turn-off delay time
500
1500
ns
tf
Fall time
350
1000
ns
td(on)
Turn-on delay time
VDD=15 V; ID=3.5 A
Vgen=5 V; Rgen=2.2 KΩ
(see figure Figure 4.)
0.75
2.3
µs
tr
Rise time
4.6
14.0
µs
td(off)
Turn-off delay time
5.4
16.0
µs
tf
Fall time
3.6
11.0
µs
(dI/dt)on
Turn-on current slope
VDD=15 V; ID=3.5 A
Vgen=5 V; Rgen=RIN MIN=150 Ω
6.5
A/µs
Qi
Total input charge
VDD=12 V; ID=3.5 A; VIN=5 V
Igen=2.13 mA (see figure Figure 7.)
18
nC
Source drain diode (Tj=25 °C, unless otherwise specified)
VSD
(1)
Forward on voltage
ISD=3.5 A; VIN=0 V
0.8
V
trr
Reverse recovery time
ISD=3.5 A; dI/dt=20 A/µs
VDD=30 V; L=200 µH
(see test circuit, figure Figure 5.)
220
ns
Qrr
Reverse recovery charge
0.28
µC
IRRM
Reverse recovery current
2.5
A
Protections (-40 °C < Tj < 150 °C, unless otherwise specified)
Ilim
Drain current limit
VIN=5 V; VDS=13 V
6
9
12
A
tdlim
Step response current
limit
VIN=5 V; VDS=13 V
4.0
µs
Tjsh
Over temperature
shutdown
150
175
200
°C
Tjrs
Over temperature reset
135
°C
Igf
Fault sink current
VIN=5 V; VDS=13 V; Tj=Tjsh
15
mA
Eas
Single pulse avalanche
energy
starting Tj=25 °C; VDD=24 V
VIN=5 V Rgen=RIN MIN=150 Ω; L=24 mH
(see figures Figure 6. & Figure 8.)
200
mJ
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit


Similar Part No. - VND7NV04-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7NV04-1 STMICROELECTRONICS-VND7NV04-1 Datasheet
488Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VND7NV04-1 STMICROELECTRONICS-VND7NV04-1 Datasheet
618Kb / 37P
   OMNIFET II fully autoprotected Power MOSFET
More results

Similar Description - VND7NV04-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNS3NV04D13TR STMICROELECTRONICS-VNS3NV04D13TR Datasheet
249Kb / 14P
   OMNIFET II FULLY AUTOPROTECTED POWER MOSFET
VNN1NV04TR-E STMICROELECTRONICS-VNN1NV04TR-E Datasheet
546Kb / 33P
   OMNIFET II fully autoprotected Power MOSFET
VNS14NV0413TR STMICROELECTRONICS-VNS14NV0413TR Datasheet
1Mb / 31P
   "OMNIFET II" fully autoprotected Power MOSFET
VNN3NV04 STMICROELECTRONICS-VNN3NV04_09 Datasheet
493Kb / 26P
   OMNIFET II fully autoprotected Power MOSFET
VNS7NV04P-E STMICROELECTRONICS-VNS7NV04P-E Datasheet
370Kb / 29P
   OMNIFET II fully autoprotected Power MOSFET
September 2013 Rev 4
VNN3NV04PTR-E STMICROELECTRONICS-VNN3NV04PTR-E Datasheet
284Kb / 22P
   OMNIFET II fully autoprotected Power MOSFET
VNS3NV04D-E STMICROELECTRONICS-VNS3NV04D-E Datasheet
357Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNB35NV04-E STMICROELECTRONICS-VNB35NV04-E Datasheet
561Kb / 27P
   OMNIFET II: fully autoprotected Power MOSFET
February 2015 Rev 5
VNS14NV04P-E STMICROELECTRONICS-VNS14NV04P-E Datasheet
632Kb / 22P
   "OMNIFET II" fully autoprotected Power MOSFET
September 2013 Rev 3
VNN7NV04 STMICROELECTRONICS-VNN7NV04 Datasheet
618Kb / 37P
   OMNIFET II fully autoprotected Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com