Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2886 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK2886
Description  Chopper Regulator, DC−DC Converter and Motor DriveApplications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2886 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK2886_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2886_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2886_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2886_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2886_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2886_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2886
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSV)
2SK2886
Chopper Regulator, DC−DC Converter and Motor Drive
Applications
Low drain−source ON resistance
: RDS (ON) = 14 mΩ (typ.)
High forward transfer admittance
: |Yfs| = 31 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 50 V)
Enhancement mode
: Vth = 0.8 to 2.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
50
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
50
V
Gate−source voltage
VGSS
±20
V
DC (Note 1)
ID
45
A
Drain current
Pulse (Note 1)
IDP
135
A
Drain power dissipation (Tc = 25°C)
PD
40
W
Single pulse avalanche energy
(Note 2)
EAS
350
mJ
Avalanche current
IAR
45
A
Repetitive avalanche energy (Note 3)
EAR
4
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
3.125
°C / W
Thermal resistance, channel to ambient
Rth (ch−a)
62.5
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 25 V, Tch = 25°C (initial), L = 213 μH, RG = 25 Ω, IAR = 45 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature.
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)


Similar Part No. - 2SK2886_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2886 TOSHIBA-2SK2886_06 Datasheet
845Kb / 6P
   Silicon N Channel MOS Type
More results

Similar Description - 2SK2886_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2661 TOSHIBA-2SK2661_09 Datasheet
414Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor DriveApplications
2SK2964 TOSHIBA-2SK2964_09 Datasheet
410Kb / 6P
   Chopper Regulators, DC−DC Converters and Motor DriveApplications
2SK2846 TOSHIBA-2SK2846_09 Datasheet
413Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2842 TOSHIBA-2SK2842_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ512 TOSHIBA-2SJ512_09 Datasheet
451Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2843 TOSHIBA-2SK2843_09 Datasheet
419Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ511 TOSHIBA-2SJ511_09 Datasheet
419Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2679 TOSHIBA-2SK2679_09 Datasheet
397Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2835 TOSHIBA-2SK2835_09 Datasheet
404Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2173 TOSHIBA-2SK2173_09 Datasheet
454Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com