Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD3NM60-1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD3NM60-1
Description  N-channel 600 V, 1.3 廓, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NM60-1 Datasheet(HTML) 4 Page - STMicroelectronics

  STD3NM60-1 Datasheet HTML 1Page - STMicroelectronics STD3NM60-1 Datasheet HTML 2Page - STMicroelectronics STD3NM60-1 Datasheet HTML 3Page - STMicroelectronics STD3NM60-1 Datasheet HTML 4Page - STMicroelectronics STD3NM60-1 Datasheet HTML 5Page - STMicroelectronics STD3NM60-1 Datasheet HTML 6Page - STMicroelectronics STD3NM60-1 Datasheet HTML 7Page - STMicroelectronics STD3NM60-1 Datasheet HTML 8Page - STMicroelectronics STD3NM60-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STD3NM60, STD3NM60-1, STP4NM60
4/17
Doc ID 8370 Rev 4
2
Electrical characteristics
(TCASE= 25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS =0
600
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = max rating
VDS = max rating,
TC = 125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20V
±5
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
3
4
5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 1.5 A
1.3
1.5
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Forward
transconductance
VDS = 15 V , ID = 1.5 A
-
2.7
-
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
324
132
7.4
-
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 300 V, ID = 1.5 A
RG =4.7 Ω VGS = 10 V
(see
Figure 15)
-
9
4
16.5
10.5
-
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 480 V, ID = 3 A,
VGS = 10V
(see
Figure 21)
-
10
3
4.7
14
nC
nC
nC


Similar Part No. - STD3NM60-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM60-1 STMICROELECTRONICS-STD3NM60-1 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STD3NM60-1 STMICROELECTRONICS-STD3NM60-1 Datasheet
723Kb / 17P
   N-channel 600 V, 1.3 ?? 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
September 2009 Rev 4
More results

Similar Description - STD3NM60-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM60T4 STMICROELECTRONICS-STD3NM60T4 Datasheet
723Kb / 17P
   N-channel 600 V, 1.3 ?? 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
September 2009 Rev 4
STD2NK100Z STMICROELECTRONICS-STD2NK100Z Datasheet
459Kb / 16P
   N-channel 1000 V, 6.25 廓, 1.85 A, TO-220, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com