Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5632NUX Datasheet(PDF) 8 Page - Rohm

Part # BD5632NUX
Description  Analog Input Monaural Class-D Speaker Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5632NUX Datasheet(HTML) 8 Page - Rohm

Back Button BD5632NUX Datasheet HTML 4Page - Rohm BD5632NUX Datasheet HTML 5Page - Rohm BD5632NUX Datasheet HTML 6Page - Rohm BD5632NUX Datasheet HTML 7Page - Rohm BD5632NUX Datasheet HTML 8Page - Rohm BD5632NUX Datasheet HTML 9Page - Rohm BD5632NUX Datasheet HTML 10Page - Rohm BD5632NUX Datasheet HTML 11Page - Rohm BD5632NUX Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8/14
BD5632NUX, BD5634NUX, BD5638NUX
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
The way of evaluating Audio characteristic
Evaluation Circuit Diagram
When measuring Audio characteristics, insert LC filter during the output terminal of IC and the speaker load and measure it.
Arrange LC filter as close as possible to the output terminal of IC.
In case of L=22µH, C=1µF, the cut-off frequency becomes the following.
Use a big current type - Inductor L.
(Reference)
TDK : SLF12575T-220M4R0
STBY
IN+
IN-
OUT-
OUT+
Bias
OSC
PWM
H-
Bridge
0.47μ
0.47μ
Differential
Input
H:Active
L:Shutdown
Audio
Input+
Audio
Input-
GND
VDD
10μ
1
3
4
8
5
0.1μ
VDD
VDD
C2
C1
C3
7
C4
6
300k
Ri=100k
Ri=100k
22μH
22μH
1μF
1μF
RL BTL
Audio
Precision
etc
RL=Speaker Load
Measument Instrumen
+
-
kHz
34
μF
1
μH
22
2
1
LC
2
1
fc
π
π


Similar Part No. - BD5632NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5632NUX ROHM-BD5632NUX Datasheet
432Kb / 15P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
More results

Similar Description - BD5632NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL Datasheet
390Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
BD5461GUL ROHM-BD5461GUL Datasheet
418Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com