Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5632NUX Datasheet(PDF) 1 Page - Rohm

Part # BD5632NUX
Description  Analog Input Monaural Class-D Speaker Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5632NUX Datasheet(HTML) 1 Page - Rohm

  BD5632NUX Datasheet HTML 1Page - Rohm BD5632NUX Datasheet HTML 2Page - Rohm BD5632NUX Datasheet HTML 3Page - Rohm BD5632NUX Datasheet HTML 4Page - Rohm BD5632NUX Datasheet HTML 5Page - Rohm BD5632NUX Datasheet HTML 6Page - Rohm BD5632NUX Datasheet HTML 7Page - Rohm BD5632NUX Datasheet HTML 8Page - Rohm BD5632NUX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/14
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Small-sized Class-D Speaker Amplifiers
Analog Input
Monaural Class-D Speaker Amplifiers
BD5632NUX,BD5634NUX,BD5638NUX
Description
BD5632NUX, BD5634NUX and BD5638NUX are a low voltage drive class-D speaker amplifier that was developed for
mobile phones, mobile audio products and the others. BD5632NUX has a fixed gain of 6dB, BD5634NUX has a fixed gain
of 12dB, and BD5638NUX has a fixed gain of 18dB. It is suitable for the application of battery drive because of high
efficiency and low power consumption. Also, stand-by current is 0µA (typ.), and fast transitions from standby to active with
little pop noise. It is suitable for applications that switch repeatedly between stand-by and active.
Features
1) LC Filter less
2) Only 3 external components
3) High power 2.5W/4ohm/BTL
(VDD=5V, RL=4ohm, THD+N=10%, typ.)
4) High power 0.85W/8ohm/BTL (VDD=3.6V, RL=8ohm, THD+N=10%, typ.)
5) Analog differential input / PWM digital output
6) Pop noise suppression circuit
7) Standby function (Mute function)
8) Protection circuit
(Short protection [Auto recover without power cycling], Thermal shutdown, under voltage lockout)
9) Ultra small package VSON008X2030 (2.0×3.0×0.6mmMAX)
Applications
Mobile phones, PND (Personal Navigation Device), DSC, PDA, etc
Line up matrix
Production Name
BD5632NUX
BD5634NUX
BD5638NUX
Gain (dB)
6
12
18
Input Impedance (kΩ)
100
50
25
Package
VSON008X2030
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VDD
7.0
V
Power Dissipation
Pd
0.52 *1
W
Storage Temperature Range
Tstg
-55 ~ +150
STBY Terminal Input Range
Vstby
-0.3 ~ VDD+0.3
V
IN+, IN- Terminal Input Range
Vin
-0.3 ~ VDD+0.3
V
(*1) ROHM standard board mounted (Board size 70mm×70mm×1.6mmt, 1layer), de-rate the value 4.16mW/deg above Ta=+25deg.
Operating conditions
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VDD
+2.5 ~ +5.5
V
Temperature Range
Topr
-40 ~ +85
*This product is not designed for protection against radioactive rays.
No.10101EAT04


Similar Part No. - BD5632NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5632NUX ROHM-BD5632NUX Datasheet
432Kb / 15P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
More results

Similar Description - BD5632NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL Datasheet
390Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
BD5461GUL ROHM-BD5461GUL Datasheet
418Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com