Electronic Components Datasheet Search |
|
PSD854F3A-90JIT Datasheet(PDF) 11 Page - STMicroelectronics |
|
PSD854F3A-90JIT Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 128 page PSD8XXFX Summary description Doc ID 7833 Rev 7 11/128 1 Summary description The PSD8XXFX family of memory systems for microcontrollers (MCUs) brings in-system- programmability (ISP) to Flash memory and programmable logic. The result is a simple and flexible solution for embedded designs. PSD devices combine many of the peripheral functions found in MCU based applications. Table 2 summarizes all the devices. The CPLD in the PSD devices features an optimized macrocell logic architecture. The PSD macrocell was created to address the unique requirements of embedded system designs. It allows direct connection between the system address/data bus, and the internal PSD registers, to simplify communication between the MCU and other supporting devices. The PSD device includes a JTAG serial programming interface, to allow in-system programming (ISP) of the entire device. This feature reduces development time, simplifies the manufacturing flow, and dramatically lowers the cost of field upgrades. Using ST’s special Fast-JTAG programming, a design can be rapidly programmed into the PSD in as little as seven seconds. The innovative PSD8XXFX family solves key problems faced by designers when managing discrete Flash memory devices, such as: ● First-time in-system programming (ISP) ● Complex address decoding ● Simultaneous read and write to the device. The JTAG Serial Interface block allows in-system programming (ISP), and eliminates the need for an external Boot EPROM, or an external programmer. To simplify Flash memory updates, program execution is performed from a secondary Flash memory while the primary Flash memory is being updated. This solution avoids the complicated hardware and software overhead necessary to implement IAP. ST makes available a software development tool, PSDsoft™ Express, that generates ANSI- C compliant code for use with your target MCU. This code allows you to manipulate the non- volatile memory (NVM) within the PSD. Code examples are also provided for: ● Flash memory IAP via the UART of the host MCU ● Memory paging to execute code across several PSD memory pages ● Loading, reading, and manipulation of PSD macrocells by the MCU. Table 2. Product range Part number(1) Primary Flash memory (8 sectors) Secondary Flash memory (4 sectors) SRAM I/O ports Number of macrocells Serial ISP JTAG/ISC port Turbo mode Input Output PSD813F2 1 Mbit 256 Kbit 16 Kbit 27 24 16 yes yes PSD813F4 1 Mbit 256 Kbit none 27 24 16 yes yes PSD813F5 1 Mbit none none 27 24 16 yes yes PSD833F2 1 Mbit 256 Kbit 64 Kbit 27 24 16 yes yes PSD834F2 2 Mbit 256 Kbit 64 Kbit 27 24 16 yes yes |
Similar Part No. - PSD854F3A-90JIT |
|
Similar Description - PSD854F3A-90JIT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |