Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7700 Datasheet(PDF) 7 Page - Intel Corporation

Part # T7700
Description  Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T7700 Datasheet(HTML) 7 Page - Intel Corporation

Back Button T7700 Datasheet HTML 3Page - Intel Corporation T7700 Datasheet HTML 4Page - Intel Corporation T7700 Datasheet HTML 5Page - Intel Corporation T7700 Datasheet HTML 6Page - Intel Corporation T7700 Datasheet HTML 7Page - Intel Corporation T7700 Datasheet HTML 8Page - Intel Corporation T7700 Datasheet HTML 9Page - Intel Corporation T7700 Datasheet HTML 10Page - Intel Corporation T7700 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
Datasheet
7
Introduction
1
Introduction
The Intel® Core™2 Duo processor on 65-nm process technology is the next generation
high-performance, low-power processor based on the Intel® Core™ microarchitecture.
The Intel Core 2 Duo processor supports the Mobile Intel® 965 Express Chipset and
Intel® 82801HBM ICH8M Controller Hub Based Systems. This document contains
electrical, mechanical and thermal specifications for the following processors:
• Intel Core 2 Duo processor - Standard Voltage
• Intel Core 2 Duo processor - Low Voltage
• Intel Core 2 Duo processor - Ultra Low Voltage
• Intel Core 2 Extreme processor
Note:
In this document, the Intel Core 2 Duo and Intel Core 2 Extreme processors are
referred to as the processor and Mobile Intel® 965 Express Chipset family is referred to
as the (G)MCH.
The following list provides some of the key features on this processor:
• Dual core processor for mobile with enhanced performance
• Intel architecture with Intel® Wide Dynamic Execution
• L1 Cache to Cache (C2C) transfer
• On-die, primary 32-KB instruction cache and 32-KB write-back data cache in each
core
• On-die, up to 4-MB second level shared cache with advanced transfer cache
architecture
• Streaming SIMD Extensions 2 (SSE2), Streaming SIMD Extensions 3 (SSE3) and
Supplemental Streaming SIMD Extensions 3 (SSSE3)
• 800-MHz Source-Synchronous Front Side Bus (FSB) for Intel Core 2 Extreme
processors, Intel Core 2 Duo standard and low voltage processors. 533-MHz FSB
for Intel Core 2 Duo ultra low voltage processors
• Advanced power management features including Enhanced Intel SpeedStep®
Technology and Dynamic FSB frequency switching.
• Intel Enhanced Deeper Sleep state with P_LVL5 I/O support
• Digital Thermal Sensor (DTS)
• Intel® 64 Technology
• Enhanced Intel® Virtualization Technology
• Intel® Dynamic Acceleration Technology
• Enhanced Multi Threaded Thermal Management (EMTTM)
• PSI2 functionality
• Standard voltage processors are offered in Micro-FCPGA and Micro-FCBGA
packaging. Low voltage and Ultra low voltage processors are offered in Micro-
FCBGA packaging only. Intel Core 2 Extreme processors are offered in Micro-FCPGA
packaging only.
• Execute Disable Bit support for enhanced security


Similar Part No. - T7700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
T7705A TI-T7705A Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

Similar Description - T7700

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X9000 INTEL-X9000 Datasheet
1Mb / 77P
   Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
X6800 INTEL-X6800 Datasheet
1Mb / 122P
   Core2 Extreme Processor
QX9775 INTEL-QX9775 Datasheet
987Kb / 90P
   Intel Core2 Extreme Processor
313278-008 INTEL-313278-008 Datasheet
1Mb / 118P
   Intel Core2 Extreme Processor
logo
Axiomtek Co., Ltd.
SHB210 AXIOMTEK-SHB210_17 Datasheet
284Kb / 1P
   Socket M for Intel Core2 Duo and Celeron M Processor
logo
Protech Systems Co., Lt...
BPC-8090 PROTECHSYSTEMS-BPC-8090 Datasheet
474Kb / 2P
   High Performance Core2 Duo Book Size PC
logo
Axiomtek Co., Ltd.
IMB201 AXIOMTEK-IMB201 Datasheet
238Kb / 1P
   LGA775 Intel Core2 Duo ATX Industrial Motherboard with Intel Q965 ICH8 Chipset, Dual LANs and Audio
IMB203 AXIOMTEK-IMB203 Datasheet
509Kb / 1P
   LGA775 Intel Core2 Duo ATX Industrial Motherboard with Intel Q45 ICH10DO Chipset, iAMT, iTPM and RAID
logo
List of Unclassifed Man...
PXI-3920 ETC2-PXI-3920 Datasheet
698Kb / 2P
   3U Intel Core2 Duo T7500 2.2GHz/ Pentium M 760 Single-Core Processor-based PXI Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com