Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X6800 Datasheet(PDF) 7 Page - Intel Corporation

Part # X6800
Description  Core2 Extreme Processor
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

X6800 Datasheet(HTML) 7 Page - Intel Corporation

Back Button X6800 Datasheet HTML 3Page - Intel Corporation X6800 Datasheet HTML 4Page - Intel Corporation X6800 Datasheet HTML 5Page - Intel Corporation X6800 Datasheet HTML 6Page - Intel Corporation X6800 Datasheet HTML 7Page - Intel Corporation X6800 Datasheet HTML 8Page - Intel Corporation X6800 Datasheet HTML 9Page - Intel Corporation X6800 Datasheet HTML 10Page - Intel Corporation X6800 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
Datasheet
7
Revision History
Revision
Number
Description
Date
-001
• Initial release
July 2006
-002
• Corrected L1 Cache information
September 2006
-003
•Added Intel® Core™2 Duo Desktop Processor E4300 information
• Updated Table 5, DC Voltage and Current Specification
• Added Section 2.3, PECI DC Specifications
• Updated Section 5.3, Platform Environment Control Interface (PECI)
• Updated Section 7.1.2, Boxed Processor Fan Heatsink Weight
• Updated Table 37, Fan Heatsink Power and Signal Specifications
• Added Section 7.3.2, Fan Speed Control Operation Intel® Core2 Extreme Processor
X6800 Only) and Section 7.3.3, Fan Speed Control Operation (Intel® Core2 Duo Desktop
Processor E6000 and E4000 Sequences Only)
January 2007
-004
• Added Intel® Core™2 Duo Desktop Processor E6420, E6320, and E4400 information
April 2007
-005
•Added Intel® Core™2 Duo Desktop Processor E6850, E6750, E6550, E6540, and E4500
information.
• Added specifications for 1333 MHz FSB.
• Added support for Extended Stop Grant State, Extended Stop Grant Snoop States.
• Added new thermal profile table and figure.
July 2007
-006
• Added Intel® Core™2 Duo Desktop Processor E4400 with CPUID = 065Dh.
August 2007
-007
• Added Intel® Core™2 Duo Desktop Processor E4600
October 2007


Similar Part No. - X6800

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X6800 INTEL-X6800 Datasheet
1Mb / 118P
   Intel Core2 Extreme Processor
More results

Similar Description - X6800

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
QX9775 INTEL-QX9775 Datasheet
987Kb / 90P
   Intel Core2 Extreme Processor
313278-008 INTEL-313278-008 Datasheet
1Mb / 118P
   Intel Core2 Extreme Processor
X9000 INTEL-X9000 Datasheet
1Mb / 77P
   Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
T7100 INTEL-T7100 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Axiomtek Co., Ltd.
SHB210 AXIOMTEK-SHB210_17 Datasheet
284Kb / 1P
   Socket M for Intel Core2 Duo and Celeron M Processor
logo
List of Unclassifed Man...
CT-60 ETC2-CT-60 Datasheet
233Kb / 1P
   Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
PXI-3920 ETC2-PXI-3920 Datasheet
698Kb / 2P
   3U Intel Core2 Duo T7500 2.2GHz/ Pentium M 760 Single-Core Processor-based PXI Controllers
logo
Protech Systems Co., Lt...
BPC-8090 PROTECHSYSTEMS-BPC-8090 Datasheet
474Kb / 2P
   High Performance Core2 Duo Book Size PC
logo
Intel Corporation
BX80547PG3200FSL8Q6 INTEL-BX80547PG3200FSL8Q6 Datasheet
2Mb / 105P
   Intel짰 Pentium짰 4 Processor 6xx? Sequence and Intel짰 Pentium짰 4 Processor Extreme Edition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com