Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3495 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK3495
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3495 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3495 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3495 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3495 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3495 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3495
No.6970-3/4
yfs -- ID
0.001
0.01
0.1
23
5 7
23
5 7
23
5 7
1.0
23
IT03238
VDS=10V
1.0
5
3
2
0.1
5
3
7
2
5
3
7
2
0.01
IF -- VSD
0.01
0.1
1.0
2
3
5
7
2
3
5
7
2
3
0.6
0.7
0.8
0.9
1.0
0.5
0.4
IT03239
VGS=0
SW Time -- ID
1.0
10
2
100
3
5
7
2
3
5
7
23
5
7
1.0
0.1
23
IT03240
VDD=30V
VGS=10V
td(on) tr
td(off)
tf
Ciss, Coss, Crss -- VDS
2
3
7
5
10
3
7
2
5
100
3
2
050
40
10
20
30
60
IT03241
f=1MHz
Ciss
Coss
Crss
A S O
0.1
1.0
5
7
3
2
10
5
7
3
2
0.01
5
7
3
2
23
5
7 10
0.1
23
5
7 1.0
23
100
57
IT03243
DC
operation
10ms
1ms
100
µ
s
100ms
10µ
s
Ta=25
°C
Single pulse
IDP=4.8A
ID=1.2A
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS -- Qg
IT03242
0
2
3
1
4
5
6
7
8
9
10
Operation in this area
is limited by RDS(on).
25
°C
Ta=
--25
°C
VDS=10V
ID=1.2A
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
0
20
40
60
80
100
120
140
160
PD -- Ta
IT03244
1.2
1.0
0.8
0.6
0.4
0.2
0
Ambient Temperature, Ta --
°C


Similar Part No. - 2SK3495

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK349 ISC-2SK349 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Sanyo Semicon Device
2SK3490 SANYO-2SK3490 Datasheet
43Kb / 4P
   General-Purpose Switching Device Applications
2SK3491 SANYO-2SK3491 Datasheet
29Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
VBsemi Electronics Co.,...
2SK3491 VBSEMI-2SK3491 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
2SK3491-TL-E VBSEMI-2SK3491-TL-E Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 2SK3495

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com