Electronic Components Datasheet Search |
|
BSC048N025SG Datasheet(PDF) 2 Page - Infineon Technologies AG |
|
BSC048N025SG Datasheet(HTML) 2 Page - Infineon Technologies AG |
2 / 10 page BSC048N025S G Parameter Symbol Conditions Unit min. typ. max. Thermal characteristics Thermal resistance, junction - case R thJC bottom - - 2 K/W top 18 Thermal resistance, R thJA minimal footprint - - 62 junction - ambient 6 cm 2 cooling area2) -- 45 Electrical characteristics, at T j=25 °C, unless otherwise specified Static characteristics Drain-source breakdown voltage V (BR)DSS V GS=0 V, I D=1 mA 25 - - V Gate threshold voltage V GS(th) V DS=V GS, I D=35 µA 1.2 1.6 2 Zero gate voltage drain current I DSS V DS=25 V, V GS=0 V, T j=25 °C - 0.1 1 µA V DS=25 V, V GS=0 V, T j=125 °C - 10 100 Gate-source leakage current I GSS V GS=20 V, V DS=0 V - 10 100 nA Drain-source on-state resistance R DS(on) V GS=4.5 V, I D=30 A - 6.3 7.9 m Ω V GS=10 V, I D=50 A - 4.0 4.8 Gate resistance R G - 1.2 - Ω Transconductance g fs |V DS|>2|I D|R DS(on)max, I D=50 A 39 79 - S 3) See figure 3 1)J-STD20 and JESD22 Values 2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain connection. PCB is vertical in still air. Rev. 1.4 page 2 2009-10-22 |
Similar Part No. - BSC048N025SG_09 |
|
Similar Description - BSC048N025SG_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |