Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC190N15NS3G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSC190N15NS3G
Description  OptiMOS3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC190N15NS3G Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSC190N15NS3G Datasheet HTML 1Page - Infineon Technologies AG BSC190N15NS3G Datasheet HTML 2Page - Infineon Technologies AG BSC190N15NS3G Datasheet HTML 3Page - Infineon Technologies AG BSC190N15NS3G Datasheet HTML 4Page - Infineon Technologies AG BSC190N15NS3G Datasheet HTML 5Page - Infineon Technologies AG BSC190N15NS3G Datasheet HTML 6Page - Infineon Technologies AG BSC190N15NS3G Datasheet HTML 7Page - Infineon Technologies AG BSC190N15NS3G Datasheet HTML 8Page - Infineon Technologies AG BSC190N15NS3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BSC190N15NS3 G
OptiMOS™3 Power-Transistor
Features
• N-channel, normal level
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• 150 °C operating temperature
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC
1) for target application
• Ideal for high-frequency switching and synchronous rectification
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
50
A
T C=100 °C
33
Pulsed drain current
2)
I D,pulse
T C=25 °C
200
Avalanche energy, single pulse
E AS
I D=50 A, R GS=25 Ω
170
mJ
Gate source voltage
3)
V GS
±20
V
Power dissipation
P tot
T C=25 °C
125
W
Operating and storage temperature
T j, T stg
-55 ... 150
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
V DS
150
V
R DS(on),max
19
m
I D
50
A
Product Summary
Type
BSC190N15NS3 G
Package
PG-TDSON-8
Marking
190N15NS
Rev. 2.4
page 1
2009-11-04


Similar Part No. - BSC190N15NS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC190N15NS3G INFINEON-BSC190N15NS3G Datasheet
33Kb / 1P
   Material Content Data Sheet
7. September 2015
BSC190N15NS3G INFINEON-BSC190N15NS3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
7. September 2015
More results

Similar Description - BSC190N15NS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com