Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM7710GP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTM7710GP
Description  TrilithIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7710GP Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTM7710GP Datasheet HTML 1Page - Infineon Technologies AG BTM7710GP Datasheet HTML 2Page - Infineon Technologies AG BTM7710GP Datasheet HTML 3Page - Infineon Technologies AG BTM7710GP Datasheet HTML 4Page - Infineon Technologies AG BTM7710GP Datasheet HTML 5Page - Infineon Technologies AG BTM7710GP Datasheet HTML 6Page - Infineon Technologies AG BTM7710GP Datasheet HTML 7Page - Infineon Technologies AG BTM7710GP Datasheet HTML 8Page - Infineon Technologies AG BTM7710GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PG-TO263-15-1
Type
Package
Marking
BTM7710GP
PG-TO263-15-1
BTM7710GP
Datasheet
3
Rev. 1.0, 2008-07-07
TrilithIC
BTM7710GP
1Overview
Features
Quad D-MOS switch driver
Free configurable as bridge or quad-switch
Optimized for DC motor management applications
•Low
R
DS ON
High side: 70 m
Ω typ. @ 25°C, 165 mΩ max. @ 110°C
Low side: 40 m
Ω typ. @ 25°C, 75 mΩ max. @ 110°C
Peak current: typ. 15 A @ 25
°C
Very low quiescent current: typ. 5
μA @ 25 °C
Thermally optimized power package
Operates up to 40 V
Load and GND-short-circuit-protection
Overtemperature shut down with hysteresis
Undervoltage detection with hysteresis
Status flag diagnosis
Internal clamp diodes
Isolated sources for external current sensing
Green Product (RoHS compliant)
AEC Qualified
Description
The BTM7710GP is part of the TrilithIC family containing three dies in one package: One double high-side switch
and two low-side switches. The drains of these three vertical DMOS chips are mounted on separated lead frames.
The sources are connected to individual pins, so the BTM7710GP can be used in H-bridge- as well as in any other
configuration. The double high-side switch is manufactured in SMART SIPMOS® technology which combines low
R
DS ON vertical DMOS power stages with CMOS circuitry for control, protection and diagnosis. To achieve low
R
DS ON and fast switching performance, the low-side switches are manufactured in S-FET logic level technology.


Similar Part No. - BTM7710GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
More results

Similar Description - BTM7710GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
   TrilithIC
logo
Infineon Technologies A...
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
BTS7740G INFINEON-BTS7740G Datasheet
249Kb / 16P
   TrilithIC
2001-02-01
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
   TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
   TrilithIC
Rev. 1.0, May 2008
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com