Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2611 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK2611
Description  DC−DC Converter, Relay Drive and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2611 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK2611 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2611 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2611 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2611 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2611 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2611 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2611
2010-01-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSIII)
2SK2611
DC−DC Converter, Relay Drive and Motor Drive
Applications
Low drain−source ON-resistance
: RDS (ON) = 1.2 Ω (typ.)
High forward transfer admittance
: |Yfs| = 7.0 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 720 V)
Enhancement−mode
: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
900
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
900
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
9
A
Drain current
Pulse (Note 1)
IDP
27
A
Drain power dissipation (Tc = 25°C)
PD
150
W
Single pulse avalanche energy
(Note 2)
EAS
663
mJ
Avalanche current
IAR
9
A
Repetitive avalanche energy (Note 3)
EAR
15
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
0.833
°C / W
Thermal resistance, channel to ambient
Rth (ch−a)
50
°C / W
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 15 mH, RG = 25 Ω, IAR = 9 A
Note 3: Repetitive rating: Pulse width limited by maximum channel temperature
This transistor is an electrostatic sensitive device.
Please handle with caution.
Unit: mm
1. GATE
2. DRAIN (HEAT SINK)
3. SOURCE
JEDEC
JEITA
SC-65
TOSHIBA
2-16C1B
Weight: 4.6 g (typ.)


Similar Part No. - 2SK2611

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2611 TOSHIBA-2SK2611 Datasheet
287Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2611 TOSHIBA-2SK2611 Datasheet
701Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2611 TOSHIBA-2SK2611 Datasheet
414Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive
logo
Nell Semiconductor Co.,...
2SK2611 NELLSEMI-2SK2611 Datasheet
342Kb / 6P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
2SK2611 ISC-2SK2611 Datasheet
205Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - 2SK2611

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2996 TOSHIBA-2SK2996_09 Datasheet
414Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2862 TOSHIBA-2SK2862_09 Datasheet
425Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2545 TOSHIBA-2SK2545_09 Datasheet
419Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ334 TOSHIBA-2SJ334_09 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ438 TOSHIBA-2SJ438_09 Datasheet
416Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ304 TOSHIBA-2SJ304_07 Datasheet
695Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2961 TOSHIBA-2SK2961_09 Datasheet
387Kb / 6P
   Relay Drive, Motor Drive and DC−DC Converter Application
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_09 Datasheet
420Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com