Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3748 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3748
Description  100V Isolated Flyback Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3748 Datasheet HTML 6Page - Linear Technology LT3748 Datasheet HTML 7Page - Linear Technology LT3748 Datasheet HTML 8Page - Linear Technology LT3748 Datasheet HTML 9Page - Linear Technology LT3748 Datasheet HTML 10Page - Linear Technology LT3748 Datasheet HTML 11Page - Linear Technology LT3748 Datasheet HTML 12Page - Linear Technology LT3748 Datasheet HTML 13Page - Linear Technology LT3748 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LT3748
10
3748fa
APPLICATIONS INFORMATION
Selecting Actual RREF, RFB and RTC Resistor Values
The preceding equations define how the LT3748 would
regulate the output voltage if the system had no time de-
lays and no error sources. However, there are a number of
repeatable delays and parasitics in each application which
will affect the output voltage and force a re-evaluation of
the RFBandRTCcomponentvalues.Thefollowingapproach
is the best method for selecting the correct values.
The expression for VOUT, developed in the Operation sec-
tion, can be rearranged to yield the following expression
for RFB:
R FB =
RREF •NPS VOUT + VF
() + VTC
⎡⎣
⎤⎦
VBG
where:
VOUT = Output voltage
VF = Output diode forward voltage
NPS = Effective primary-to-secondary turns ratio
VTC = 0.55V
The equation assumes the temperature coefficients of the
output diode and VTC are equal and substitutes RFB/NPS for
the value of RTC. This is a good first order approximation
but will be revisited later.
First, the value of RREF should be approximately 6.04k
since the LT3748 is trimmed and specified using this
value. If the impedance of RREF varies considerably from
6.04k, additional errors will result. However, a variation in
RREF of several percent is acceptable. This yields a bit of
freedom in selecting standard 1% resistor values to yield
nominal RFB/RREF ratios.
With starting values for RFB and RTC, an initial iteration
of the application should be built with final selections of
all external components (transformer, diode, MOSFET,
etc.). The resulting VOUT should be measured and used
to re-evaluate the value of RFB due to non-idealities in the
sampling system:
RFB(NEW) =
VOUT(DESIRED)
VOUT(MEASURED)
•RFB(OLD)
With a new value of RFB selected, the temperature co-
efficient of the output diode in the application can be
tested to verify the nominal RTC value. The RTC resistor
should be removed from the circuit under test (this will
cause VOUT to increase for this step) and VOUT should
be measured over temperature at a desired target output
load. It is very important for this evaluation that uniform
temperature be applied to both the output diode and the
LT3748—if freeze spray or a heat gun is used there can
be a significant mismatch in temperature between the
two devices that causes significant error. Attempting to
extrapolate the data from a diode datasheet or assuming
the nominal RTC value may yield a better result if there is
no method to apply uniform heat or cooling such as an
oven. With at least two data points (although more data
points from hot to cold are recommended), the change
in V/°C can be determined by:
ΔVOUT
ΔTEMP
=
VOUT1 –VOUT2
TEMP1– TEMP2
Using the measured VOUT temperature coefficient, an exact
RTC value can be selected using the following equation:
RTC =
RFB
NPS
1.85mV/°C
ΔVOUT
ΔTEMP
If the value of RTC has changed significantly, which can
happen with the use of some output diodes that have
a very low forward drop, the RFB value may need to be
changed to restore VOUT to the desired value. As in the
previous iteration, after measuring VOUT, a new RFB can
once again be selected using:
RFB(NEW) =
VOUT(DESIRED)
VOUT(MEASURED)
•RFB(OLD)
Once the values of RFB and RTC are selected, the regulation
accuracy from board to board for a given application will
be very consistent, typically under ±5% when including
device variation of all the components in the system
(assuming resistor tolerances and transformer windings
matching of 1% or better). However, if the transformer,
the output diode or MOSFET switch are changed or the
layout is dramatically altered, there may be some change
in VOUT.


Similar Part No. - LT3748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3748 LINER-LT3748 Datasheet
386Kb / 28P
   100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3748 LINER-LT3748 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3748 LINER-LT3748 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3748 LINER-LT3748 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
More results

Similar Description - LT3748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3748 LINER-LT3748_15 Datasheet
534Kb / 34P
   100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
386Kb / 28P
   100V Isolated Flyback Controller
logo
Sumida Corporation
10393-T029 SUMIDA-10393-T029 Datasheet
451Kb / 2P
   Boundary Mode Flyback Transformer for 100V Isolated Flyback Controller of Linear
logo
Analog Devices
ADP1071-1 AD-ADP1071-1 Datasheet
570Kb / 27P
   Isolated Synchronous Flyback Controller
logo
Linear Technology
LT1737 LINER-LT1737 Datasheet
320Kb / 28P
   High Power Isolated Flyback Controller
LT1737 LINER-LT1737_15 Datasheet
382Kb / 28P
   High Power Isolated Flyback Controller
LT1725 LINER-LT1725_15 Datasheet
264Kb / 28P
   General Purpose Isolated Flyback Controller
LT1725 LINER-LT1725 Datasheet
189Kb / 28P
   General Purpose Isolated Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com