Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3748IMSPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3748IMSPBF
Description  100V Isolated Flyback Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748IMSPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3748IMSPBF Datasheet HTML 5Page - Linear Technology LT3748IMSPBF Datasheet HTML 6Page - Linear Technology LT3748IMSPBF Datasheet HTML 7Page - Linear Technology LT3748IMSPBF Datasheet HTML 8Page - Linear Technology LT3748IMSPBF Datasheet HTML 9Page - Linear Technology LT3748IMSPBF Datasheet HTML 10Page - Linear Technology LT3748IMSPBF Datasheet HTML 11Page - Linear Technology LT3748IMSPBF Datasheet HTML 12Page - Linear Technology LT3748IMSPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT3748
9
3748fa
Pseudo-DC Theory of Operation
The RREFandRFBresistorsasdepictedintheBlockDiagram
are external resistors used to program the output voltage.
The LT3748 operates much the same way as traditional
current mode switchers with the exception of the unique
error amplifier which derives its feedback information
from the flyback pulse.
Operation is as follows: when the NMOS output switch
turns off, its drain voltage rises above VIN. The amplitude
of this flyback pulse (i.e., the difference between it and
VIN) is given as:
VFLBK = (VOUT + VF + ISEC • ESR) • NPS
VF = DOUT forward voltage
ISEC = Transformer secondary current
ESR = Total impedance of secondary circuit
NPS = Transformer effective primary-to-secondary
turns ratio
The flyback voltage is converted to a current by RFB and
Q2. Nearly all of this current flows through resistor RREF to
form a ground-referred voltage. This voltage is fed into the
flyback error amplifier. The flyback error amplifier samples
this output voltage information when the secondary-side
winding current reaches zero. The error amplifier uses a
bandgap voltage, 1.223V, as the reference voltage.
The relatively high gain in the overall loop will then cause
the voltage at the RREF resistor to be nearly equal to the
bandgap reference voltage, VBG. The relationship between
VFLBK and VBG may then be expressed as:
VFLBK
RFB
⎟ =
VBG
RREF
or
VFLBK = VBG
RFB
RREF
VBG = Internal bandgap reference
Combining with the previous VFLBK expression yields an
expression for VOUT, in terms of the internal reference,
programming resistors, transformer turns ratio and diode
forward voltage drop:
VOUT = VBG
RFB
RREF
1
NPS
− VF −ISEC (ESR)
Additionally, it includes the effect of nonzero secondary
output impedance (ESR). This term can be assumed to
be zero in boundary control mode.
Temperature Compensation
The first term in the VOUT equation does not have a tem-
perature dependence, but the diode forward drop, VF, has a
significant negative temperature coefficient. To compensate
for this, a positive temperature coefficient current source
is internally connected to the RREF pin. The current is set
by resistor RTC to ground connected between the TC pin
and ground. To cancel the temperature coefficient, the
following equation is used:
δVF
δT
= −
RFB
RTC
1
NPS
δVTC
δT
or,
RTC =
−RFB
NPS
1
δVF / δT
δVTC
δT
RFB
NPS
(δVFT) = Diode’s forward voltage temperature coef-
ficient
(δVTCT) = 1.85mV/°C
VTC = 0.55V
The resistor value given by this equation should also
be verified experimentally and adjusted, if necessary, to
achieve optimal regulation over temperature.
The revised output voltage is as follows:
VOUT = VBG
RFB
RREF
1
NPS
− VF
VTC
RTC
⎜⎜
⎟⎟ •
RFB
NPS
–ISEC (ESR)
APPLICATIONS INFORMATION


Similar Part No. - LT3748IMSPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3748IMSPBF LINER-LT3748IMSPBF Datasheet
386Kb / 28P
   100V Isolated Flyback Controller
More results

Similar Description - LT3748IMSPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3748 LINER-LT3748_15 Datasheet
534Kb / 34P
   100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
386Kb / 28P
   100V Isolated Flyback Controller
logo
Sumida Corporation
10393-T029 SUMIDA-10393-T029 Datasheet
451Kb / 2P
   Boundary Mode Flyback Transformer for 100V Isolated Flyback Controller of Linear
logo
Analog Devices
ADP1071-1 AD-ADP1071-1 Datasheet
570Kb / 27P
   Isolated Synchronous Flyback Controller
logo
Linear Technology
LT1737 LINER-LT1737 Datasheet
320Kb / 28P
   High Power Isolated Flyback Controller
LT1737 LINER-LT1737_15 Datasheet
382Kb / 28P
   High Power Isolated Flyback Controller
LT1725 LINER-LT1725_15 Datasheet
264Kb / 28P
   General Purpose Isolated Flyback Controller
LT1725 LINER-LT1725 Datasheet
189Kb / 28P
   General Purpose Isolated Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com