Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI5114 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NI5114
Description  250 MS/s, 125 MHz, 8-Bit Digitizers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI5114 Datasheet(HTML) 3 Page - National Instruments Corporation

  NI5114 Datasheet HTML 1Page - National Instruments Corporation NI5114 Datasheet HTML 2Page - National Instruments Corporation NI5114 Datasheet HTML 3Page - National Instruments Corporation NI5114 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
External Trigger Channel (TRIG)
Impedance...........................................
1 M
Ω || 22 pF
Vertical range......................................
±5 V
Coupling ..............................................
AC, DC
Intermodule SMC Synchronization Using
NI-TClk (typical)
Skew....................................................
500 ps
≤20 ps after manual adjustment
Power Requirements (typical)
Environment
Operating temperature2 ......................
0 to 55 °C for PXI-5114,
0 to 45 °C for PCI-5114
(meets IEC-60068-2-1 and
IEC-60068-2-2)
Storage temperature...........................
-40 to 71 °C (meets
IEC-60068-2-1 and IEC-60068-2-2)
Relative humidity ................................
10 to 90%, noncondensing
(meets IEC-60068-2-56)
20 to 45 °C in PXI-101x or PXI-1000/B chassis.
Calibration
Self-calibration....................................
Gain, offset, compensated
1 M
Ω attenuator, triggering,
and timing for all input ranges
External calibration interval................
2 years
Safety and Compliance
Safety
This product is designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 61010-1, CSA 61010-1
Note: For UL and other safety certifications, refer to the product label or
visit ni.com/certification, search by model number or product line, and
click the appropriate link in the Certification column.
Electromagnetic Compatibility
This product is designed to meet the requirements of the following
standards of EMC for electrical equipment for measurement, control,
and laboratory use:
• EN 61326 EMC requirements; Minimum Immunity
• EN 55011 Emissions; Group 1, Class A
• CE, C-Tick, ICES, and FCC Part 15 Emissions; Class A
Note: For EMC compliance, operate this device according to
product documentation.
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 2006/95/EC; Low-Voltage Directive (safety)
• 2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be
sent to a WEEE recycling center. For more information about WEEE
recycling centers and National Instruments WEEE initiatives,
visit ni.com/environment/weee.htm.
+3.3 VDC
+5 VDC
+12 VDC
-12 VDC
Total Power
PXI
840 mA
1.1 A
250 mA
170 mA
13.32 W
PCI
1.6 A
1.7 A
45 mA
0 A
14.32 W
250 MS/s, 125 MHz, 8-Bit Digitizers
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)


Similar Part No. - NI5114

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5105 NI-NI5105 Datasheet
302Kb / 4P
   60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
NI5122 NI-NI5122 Datasheet
442Kb / 5P
   100 MHz, 100 MS/s, 14-Bit Digitizer
NI5124 NI-NI5124 Datasheet
189Kb / 3P
   150MHz,200MS/s,12-BitDigitizersa
NI5152 NI-NI5152 Datasheet
403Kb / 6P
   High-Speed Digitizers-Optimized for Automated Test
NI5153 NI-NI5153 Datasheet
403Kb / 6P
   High-Speed Digitizers-Optimized for Automated Test
More results

Similar Description - NI5114

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5105 NI-NI5105 Datasheet
302Kb / 4P
   60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
NIPXI-5142 NI-NIPXI-5142 Datasheet
383Kb / 17P
   100 MS/s, 14-Bit Digitizers for Communications
logo
NXP Semiconductors
ADC0808S125 PHILIPS-ADC0808S125 Datasheet
121Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
Integrated Device Techn...
ADC0808S125 IDT-ADC0808S125 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S125 NXP-ADC0808S125_09 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
logo
Renesas Technology Corp
ADC0808S RENESAS-ADC0808S Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
Advantech Co., Ltd.
PCIE-1840 ADVANTECH-PCIE-1840 Datasheet
356Kb / 1P
   4-Ch, 16-Bit, 125 MS/s Digitizer
27-Jun-2018
logo
National Instruments Co...
NI4070 NI-NI4070 Datasheet
320Kb / 4P
   61??-Digit Digital Multimeters and 1.8 MS/s Isolated Digitizers
PXI-5124 NI-PXI-5124 Datasheet
251Kb / 3P
   150 MHz, 200 MS/s, 12-Bit Digitizer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com