Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPCI-5153 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # NIPCI-5153
Description  High-Speed Digitizers-Optimized for Automated Test
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-5153 Datasheet(HTML) 5 Page - National Instruments Corporation

  NIPCI-5153 Datasheet HTML 1Page - National Instruments Corporation NIPCI-5153 Datasheet HTML 2Page - National Instruments Corporation NIPCI-5153 Datasheet HTML 3Page - National Instruments Corporation NIPCI-5153 Datasheet HTML 4Page - National Instruments Corporation NIPCI-5153 Datasheet HTML 5Page - National Instruments Corporation NIPCI-5153 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Trigger System
Modes .................................................
Edge, hysteresis, window,
digital, immediate, software
Sources................................................
CH 0, CH 1, TRIG, PFI <0..1>
PXI_Trig <0..6>, PXI Star
Trigger, and Software
Slope ...................................................
Rising or falling
Hysteresis............................................
Fully programmable
High-frequency reject filter.................
50 kHz software-selectable
Low-frequency reject filter .................
50 kHz software-selectable
Sensitivity
CH 0 and CH 1
NI 5154 .......................................
15% FS
NI 5152, NI 5153 ........................
10% FS
TRIG
NI 5154 .......................................
15% FS
NI 5153 .......................................
10% FS
NI 5152 .......................................
5% FS
Level accuracy
CH 0, CH 1 ......................................
±5% FS up to 10 MHz
TRIG ................................................
±1 V up to 10 MHz
Time resolution ...................................
5 ps with time-to-digital
converter enabled
Holdoff.................................................
From Rearm Time up to
[(232 – 1) x Sample Clock Period]
External Trigger Channel (TRIG)
Impedance
NI 5154, NI 5153 ............................
2.25 k
NI 5152 ...........................................
1 M
Ω || 22 pF
Vertical range......................................
±5 V
Coupling
NI 5154, NI 5153 ............................
DC
NI 5152 ...........................................
AC, DC
Intermodule SMC Synchronization
Using NI-TClk (typical)
Skew....................................................
500 ps,
≤5 ps after
manual adjustment
Power Requirements (typical)
Environment
Operating temperature .......................
0 to +55 °C in all NI PXI
chassis except the following:
0 to +45 °C when installed in an
NI PXI-1000/B or PXI-101x
chassis (meets IEC 60068-2-1
and IEC 60068-2-2)
Storage temperature...........................
-40 to +71 °C (meets IEC 60068-
2-1 and IEC 60068-2-2)
Relative humidity ................................
10 to 90%, noncondensing
(meets IEC 60068-2-56)
Calibration
Self-calibration....................................
Gain, offset, triggering, and
timing for all input ranges;
1 M
Ω attenuator (NI 5152 only)
External calibration interval................
2 years
Certification and Compliances
CE Mark Compliance
For detailed specifications, visit ni.com/manuals.
For certifications, marks, and DoCs, visit ni.com/certification.
High-Speed Digitizers – Optimized for Automated Test
5
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
+3.3 VDC (A) +5 VDC (A) +12 VDC (mA) -12 VDC (mA) Total Power (W)
NI 5154 PXI
1.7
1.8
520
200
23.25
PCI
2.3
2.3
214
0
21.66
NI 5153 PXI
1.7
1.8
520
200
23.25
PCI
2.3
2.3
214
0
21.66
NI 5152 PXI
1.1
1.9
500
210
21.65
PCI
2.5
2.4
200
0
22.65


Similar Part No. - NIPCI-5153

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-5105 NI-NIPCI-5105 Datasheet
302Kb / 4P
   60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
NIPCI-5114 NI-NIPCI-5114 Datasheet
508Kb / 4P
   250 MS/s, 125 MHz, 8-Bit Digitizers
NIPCI-5124 NI-NIPCI-5124 Datasheet
189Kb / 3P
   150MHz,200MS/s,12-BitDigitizersa
More results

Similar Description - NIPCI-5153

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOXT3NFC KEYSIGHT-DSOXT3NFC Datasheet
2Mb / 14P
   Automated NFC Test Software
logo
Guangdong Youtai Semico...
RCLAMP052XP UMW-RCLAMP052XP Datasheet
409Kb / 5P
   Package design optimized for high speed lines
logo
Vishay Siliconix
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF Datasheet
181Kb / 7P
   Optimized for hard switching speed
Revision: 10-Jun-15
logo
Keysight Technologies
U1084A KEYSIGHT-U1084A Datasheet
1Mb / 20P
   Acqiris High-Speed PCIe Digitizers with On-Board Signal Processing
U3040AK KEYSIGHT-U3040AK Datasheet
857Kb / 8P
   Agilent Yellowstone 3.0 Automated Test Process Center
logo
Vishay Siliconix
VS-GB200TS60NPBF VISHAY-VS-GB200TS60NPBF Datasheet
204Kb / 9P
   Ultrafast: optimized for hard switching speed
Revision: 10-Jun-15
logo
Keysight Technologies
L4532A KEYSIGHT-L4532A Datasheet
1Mb / 9P
   High-Resolution LXI Digitizers
logo
Texas Instruments
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com