Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8062 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 5 Page - Linear Technology

  LTM8062 Datasheet HTML 1Page - Linear Technology LTM8062 Datasheet HTML 2Page - Linear Technology LTM8062 Datasheet HTML 3Page - Linear Technology LTM8062 Datasheet HTML 4Page - Linear Technology LTM8062 Datasheet HTML 5Page - Linear Technology LTM8062 Datasheet HTML 6Page - Linear Technology LTM8062 Datasheet HTML 7Page - Linear Technology LTM8062 Datasheet HTML 8Page - Linear Technology LTM8062 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8062
5
8062f
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs IBAT, 14.4V Float
IQ vs VINA, RUN = 0V, VINREG Open
Maximum IBAT vs ADJ
Maximum IBAT vs VINREG
Maximum Charge Current
vs Temperature
Temperature Rise vs IBAT,
4.2V Float Voltage
Input Current vs IBAT, 4.2V Float
Input Current vs IBAT, 7.2V Float
Input Current vs IBAT, 8.4V Float
TA = 25°C, unless otherwise noted.
IBAT (mA)
0
0
100
200
1000
900
800
8062 G10
500
1500
2000
300
400
500
600
700
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
200
1000
1400
1200
8062 G11
500
1500
2000
400
600
800
1000
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
200
1000
1600
1400
1200
8062 G12
500
1500
2500
2000
400
600
800
1000
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
200
1000
1400
1200
8062 G13
500
1500
2000
400
600
800
1000
VINA = 24V
VINA (V)
0
0
20
250
200
8062 G14
10
30
40
50
100
150
ADJ VOLTAGE (V)
0
0
2
2500
2000
8062 G15
1
0.5
2.5
1.5
3
3.5
500
1000
1500
VINREG (V)
2
0
2500
2000
8062 G16
2.5
3
3.5
500
1000
1500
TEMPERATURE (°C)
–40 –20
0
60
2000
1600
1200
8062 G17
080
20
40
120
100
400
800
IBAT (mA)
0
0
5
1000
25
8062 G18
500
1500
2000
10
15
20
VINA = 12V
VINA = 24V


Similar Part No. - LTM8062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8062 LINER-LTM8062 Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8062/ LINER-LTM8062/ Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8062A LINER-LTM8062A Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8062A LINER-LTM8062A Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8062A LINER-LTM8062A Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
More results

Similar Description - LTM8062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8062 LINER-LTM8062_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
LTM8062A LINER-LTM8062A_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
LT3652HV LINER-LT3652HV_15 Datasheet
302Kb / 24P
   Power Tracking 2A Battery Charger
LT3652HV LINER-LT3652HV Datasheet
256Kb / 24P
   Power Tracking 2A Battery Charger
LT3652 LINER-LT3652 Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652 LINER-LT3652_15 Datasheet
280Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LTM8061 LINER-LTM8061 Datasheet
208Kb / 20P
   32V, 2A 關Module Li-Ion/ Polymer Battery Charger
LTM8061 LINER-LTM8061_15 Datasheet
390Kb / 22P
   32V, 2A Module Li-Ion/ Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697_08 Datasheet
748Kb / 19P
   2A Lithium-Ion/Polymer Battery Charger
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
   2A Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com