Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F902-GD Datasheet(PDF) 9 Page - Silicon Laboratories

Part # C8051F902-GD
Description  Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
Download  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F902-GD Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button C8051F902-GD Datasheet HTML 5Page - Silicon Laboratories C8051F902-GD Datasheet HTML 6Page - Silicon Laboratories C8051F902-GD Datasheet HTML 7Page - Silicon Laboratories C8051F902-GD Datasheet HTML 8Page - Silicon Laboratories C8051F902-GD Datasheet HTML 9Page - Silicon Laboratories C8051F902-GD Datasheet HTML 10Page - Silicon Laboratories C8051F902-GD Datasheet HTML 11Page - Silicon Laboratories C8051F902-GD Datasheet HTML 12Page - Silicon Laboratories C8051F902-GD Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 318 page
background image
Rev. 1.0
9
C8051F91x-C8051F90x
List of Figures
Figure 1.1. C8051F912 Block Diagram .................................................................... 18
Figure 1.2. C8051F911 Block Diagram .................................................................... 18
Figure 1.3. C8051F902 Block Diagram .................................................................... 19
Figure 1.4. C8051F901 Block Diagram .................................................................... 19
Figure 1.5. Port I/O Functional Block Diagram ......................................................... 21
Figure 1.6. PCA Block Diagram................................................................................ 22
Figure 1.7. ADC0 Functional Block Diagram............................................................ 23
Figure 1.8. ADC0 Multiplexer Block Diagram ........................................................... 24
Figure 1.9. Comparator 0 Functional Block Diagram ............................................... 25
Figure 1.10. Comparator 1 Functional Block Diagram ............................................. 25
Figure 3.1. QFN-24 Pinout Diagram (Top View) ...................................................... 30
Figure 3.2. QSOP-24 Pinout Diagram F912 (Top View) .......................................... 31
Figure 3.3. QFN-24 Package Drawing ..................................................................... 32
Figure 3.4. Typical QFN-24 Landing Diagram.......................................................... 33
Figure 3.5. QSOP-24 Package Diagram .................................................................. 34
Figure 3.6. QSOP-24 Landing Diagram ................................................................... 35
Figure 4.1. Active Mode Current (External CMOS Clock) ........................................ 41
Figure 4.2. Idle Mode Current (External CMOS Clock) ............................................ 42
Figure 4.3. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 2 V) ... 43
Figure 4.4. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 3 V) ... 44
Figure 4.5. Typical DC-DC Converter Efficiency (Low Current, VDD/DC+ = 2 V).... 45
Figure 4.6. Typical One-Cell Suspend Mode Current............................................... 46
Figure 4.7. Typical VOH Curves, 1.8–3.6 V ............................................................. 48
Figure 4.8. Typical VOH Curves, 0.9–1.8 V ............................................................. 49
Figure 4.9. Typical VOL Curves, 1.8–3.6 V .............................................................. 50
Figure 4.10. Typical VOL Curves, 0.9–1.8 V ............................................................ 51
Figure 5.1. ADC0 Functional Block Diagram............................................................ 61
Figure 5.2. 10-Bit ADC Track and Conversion Example Timing (BURSTEN = 0).... 64
Figure 5.3. Burst Mode Tracking Example with Repeat Count Set to 4 ................... 65
Figure 5.4. ADC0 Equivalent Input Circuits .............................................................. 66
Figure 5.5. ADC Window Compare Example: Right-Justified Single-Ended Data ... 77
Figure 5.6. ADC Window Compare Example: Left-Justified Single-Ended Data...... 77
Figure 5.7. ADC0 Multiplexer Block Diagram ........................................................... 78
Figure 5.8. Temperature Sensor Transfer Function ................................................. 80
Figure 5.9. Temperature Sensor Error with 1-Point Calibration (VREF = 1.68 V) ..... 81
Figure 5.10. Voltage Reference Functional Block Diagram...................................... 83
Figure 7.1. Comparator 0 Functional Block Diagram ............................................... 88
Figure 7.2. Comparator 1 Functional Block Diagram ............................................... 89
Figure 7.3. Comparator Hysteresis Plot ................................................................... 90
Figure 7.4. CPn Multiplexer Block Diagram.............................................................. 95
Figure 8.1. CIP-51 Block Diagram............................................................................ 98
Figure 9.1. C8051F91x-C8051F90x Memory Map ................................................. 107
Figure 9.2. Flash Program Memory Map................................................................ 108


Similar Part No. - C8051F902-GD

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F902-GM SILABS-C8051F902-GM Datasheet
61Kb / 3P
   Ultra-Low Power, High-Performance MCU
C8051F902-GU SILABS-C8051F902-GU Datasheet
61Kb / 3P
   Ultra-Low Power, High-Performance MCU
More results

Similar Description - C8051F902-GD

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F920-GQR SILABS-C8051F920-GQR Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
C8051F912-D-GM SILABS-C8051F912-D-GM Datasheet
4Mb / 335P
   Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F41X SILABS-C8051F41X Datasheet
524Kb / 2P
   2.0 V, 32/16 kB, smaRTClock, 12-Bit ADC MCU
C8051F410 SILABS-C8051F410 Datasheet
3Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F410-GQR SILABS-C8051F410-GQR Datasheet
1Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
C8051F531A SILABS-C8051F531A Datasheet
92Kb / 1P
   25 MIPS, 8 kB Flash, 12-Bit ADC, 20-Pin Automotive MCU
logo
NXP Semiconductors
LPC2101 PHILIPS-LPC2101 Datasheet
160Kb / 32P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 01-18 January 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com