Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI9217 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NI9217
Description  C Series Digital Input and Counter/Timer Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI9217 Datasheet(HTML) 4 Page - National Instruments Corporation

  NI9217 Datasheet HTML 1Page - National Instruments Corporation NI9217 Datasheet HTML 2Page - National Instruments Corporation NI9217 Datasheet HTML 3Page - National Instruments Corporation NI9217 Datasheet HTML 4Page - National Instruments Corporation NI9217 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NI CompactDAQ Ordering Information
4
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Ordering Information
System Chassis
NI cDAQ-9172
U.S. (120 VAC) ..................................................................779508-01
Switzerland (220 VAC) ......................................................779508-02
Australia (240 VAC) ..........................................................779508-03
Europe (240 VAC) ..............................................................779508-04
UK (240 VAC) ....................................................................779508-06
Japan (100 VAC)................................................................779508-07
C Series Modules1
Analog Input Modules
NI 9205 ..................................................................................779519-01
NI 9205 with D-Sub ..............................................................779357-01
NI 9206 ..................................................................................779526-01
NI 9211 ..................................................................................779001-01
NI 9215 ..................................................................................779011-01
NI 9215 with BNC..................................................................779138-01
NI 9233 ..................................................................................779015-01
NI 9237 ..................................................................................779521-01
Analog Output Module
NI 9263 ..................................................................................779012-01
Digital Input Modules
NI 9401 ..................................................................................779351-01
NI 9421 ..................................................................................779002-01
NI 9421 with D-Sub ..............................................................779136-01
Digital Output and Relay Modules
NI 9401 ..................................................................................779351-01
NI 9472 ..................................................................................779004-01
NI 9472 with D-Sub ..............................................................779137-01
NI 9481 ..................................................................................779006-01
Accessories
NI 9901 ..................................................................................779473-01
NI 9915 ..................................................................................779018-01
NI 9917 ..................................................................................779454-01
NI 9918 ..................................................................................779455-01
NI 9932 ..................................................................................779017-01
NI 9933 ..................................................................................779103-01
NI 9936 ..................................................................................779105-01
NI 9940 ..................................................................................779567-01
NI 9941 ..................................................................................779568-01
Academic Bundles
Standard Bundle ....................................................................777448-60
Instrumentation Bundle ........................................................777448-61
DSA (Sound and Vibration) Bundle ......................................777448-62
OEM Discounts Available
NI offers aggressive OEM pricing discounts for high-volume OEM
applications. Contact NI for a quote.
1Visit ni.com/compactrio or ni.com/compactdaq for up-to-date information
on module availability.
BUY NOW!
For complete product specifications, pricing, and accessory
information, call (800) 813 3693 (U.S.) or go to ni.com/compactdaq.
Safety and Compliance
Safety
This product is designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 61010-1, CAN/CSA-C22.2 No. 61010-1
Note: For UL and other safety certifications, refer to the product label
or visit ni.com/certification, search by model number or product line,
and click the appropriate link in the Certification column.
Electromagnetic Compatibility
This product is designed to meet the requirements of the following
standards of EMC for electrical equipment for measurement, control,
and laboratory use:
• EN 61326 EMC requirements; Industrial Immunity
• EN 55011 Emissions; Group 1, Class A
• CE, C-Tick, ICES, and FCC Part 15 Emissions; Class A
Note: For EMC compliance, operate this device according to
product documentation.
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 73/23/EEC; Low-Voltage Directive (safety)
• 89/336/EEC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be
sent to a WEEE recycling center. For more information about WEEE
recycling centers and National Instruments WEEE initiatives, visit
ni.com/environment/weee.htm.


Similar Part No. - NI9217

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9217 NI-NI9217 Datasheet
1Mb / 6P
   C Series Digital Output and Relay Modules
NI9217 NI-NI9217 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NI9217 NI-NI9217 Datasheet
1Mb / 5P
   C Series Analog Output Modules
More results

Similar Description - NI9217

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICRIO-9411 NI-NICRIO-9411 Datasheet
200Kb / 3P
   CompactRIO Digital Input and Counter/Timer Modules
logo
Omron Electronics LLC
H8GN OMRON-H8GN Datasheet
570Kb / 26P
   Preset Counter/Timer H8GN C-61
logo
National Instruments Co...
NI940X NI-NI940X Datasheet
1Mb / 6P
   C Series Digital Output and Relay Modules
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
   COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
   Timer Counter
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
   Timer, Counter
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
Pepperl+Fuchs Inc.
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com