Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB7NK80Z Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB7NK80Z
Description  N-channel 800 V, 1.5 廓, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7NK80Z Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB7NK80Z Datasheet HTML 2Page - STMicroelectronics STB7NK80Z Datasheet HTML 3Page - STMicroelectronics STB7NK80Z Datasheet HTML 4Page - STMicroelectronics STB7NK80Z Datasheet HTML 5Page - STMicroelectronics STB7NK80Z Datasheet HTML 6Page - STMicroelectronics STB7NK80Z Datasheet HTML 7Page - STMicroelectronics STB7NK80Z Datasheet HTML 8Page - STMicroelectronics STB7NK80Z Datasheet HTML 9Page - STMicroelectronics STB7NK80Z Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STB7NK80Z, STB7NK80Z-1, STP7NK80ZFP, STP7NK80Z
6/17
Doc ID 8979 Rev 6
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220,
D2PAK, I2PAK
Figure 3.
Thermal impedance for TO-220,
D2PAK, I2PAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics


Similar Part No. - STB7NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7NK80Z STMICROELECTRONICS-STB7NK80Z Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STB7NK80Z STMICROELECTRONICS-STB7NK80Z Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
logo
Inchange Semiconductor ...
STB7NK80Z ISC-STB7NK80Z Datasheet
287Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB7NK80Z-1 STMICROELECTRONICS-STB7NK80Z-1 Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STB7NK80Z-1 STMICROELECTRONICS-STB7NK80Z-1 Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
More results

Similar Description - STB7NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_06 Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
   N-channel 600 V - 1 廓 - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
   N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
   N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
April 2003
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
   N-channel 500 V, 0.23 廓, 17 A SuperMESH??Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
   N-channel 900 V, 1.1 廓, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH??Power MOSFET
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
   N-channel 600 V, 0.48 廓, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com