Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI9917 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NI9917
Description  C Series Digital Input and Counter/Timer Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI9917 Datasheet(HTML) 1 Page - National Instruments Corporation

  NI9917 Datasheet HTML 1Page - National Instruments Corporation NI9917 Datasheet HTML 2Page - National Instruments Corporation NI9917 Datasheet HTML 3Page - National Instruments Corporation NI9917 Datasheet HTML 4Page - National Instruments Corporation NI9917 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
C Series Digital Input and Counter/Timer Modules
Overview
High-performance digital input switching modules for National Instruments
CompactRIO embedded systems, R Series expansion chassis, and
NI CompactDAQ provide industrial logic levels for direct connection
to a wide array of industrial automotive switches and transducers. Each
module features an integrated connector junction box with screw terminal
or cable options for flexible and low-cost signal wiring. All modules
feature the NI CompactRIO Extreme Industrial Certifications and Ratings.
System Compatibility
You can use NI C Series modules in multiple system types depending
on available software. See Table 1 for CompactRIO and NI CompactDAQ
module compatibility because not all modules work with both systems.
Many of the advanced features described apply only to reconfigurable
I/O systems and not to NI CompactDAQ.
Advanced Features
When used in CompactRIO, C Series digital input modules connect directly
to reconfigurable I/O (RIO) FPGA hardware to create high-performance
embedded systems. The reconfigurable FPGA hardware within CompactRIO
provides a variety of options for timing, triggering, synchronization, change
detection, digital pattern matching, or digital communication. For instance,
with CompactRIO you can implement a circuit to detect digital events
and record a timestamp, implement high-reliability digital control logic
in silicon, or perform redundant safety enforcement and interlocks. Unlike
traditional digital control devices, the performance of a CompactRIO
digital control system does not decrease as the amount of digital logic
increases because of the parallel nature of the RIO FPGA circuitry.
Key Features
• High-performance digital and counter/timer input modules for CompactRIO
embedded system, R Series expansion chassis, or NI CompactDAQ system
• Screw terminal, D-Sub, strain relief, high-voltage cable,
solder-cup backshell, and other connectivity options
• NI CompactRIO Extreme Industrial Certifications and Ratings
• NI 9411 module that generates regulated 5 V power for quadrature
encoder or other devices
• Channel-to-earth ground double-isolation barrier for safety
and noise immunity and channel-to-channel isolation
Visit ni.com/compactrio or ni.com/compactdaq for up-to-date
information on module availability, example programs, application notes,
and other developer tools.
Typical certifications – Actual specifications vary from product to
product. Visit ni.com/certification for details.
NI 9401, NI 9411, NI 942x, NI 9435 NEW!
North American
Hazardous Locations
• High- and low-speed 24 V logic
(IEC 1131-2), 5 V/TTL, differential/
single-ended inputs, or universal
AC/DC inputs up to 250 VAC/VDC
• Isolation up to 2,300 Vrms (withstand),
up to 250 Vrms (continuous)
• Channel-to-channel isolation
up to 1,390 Vrms (withstand),
up to 250 Vrms (continuous)
• Up to 100 ns input rate for ultrahigh-
speed digital communication
• Up to 500 ns input rate
for high-speed control
or long-distance
digital communication
• Internal current limiting and
industrial logic thresholds
for direct connection to a
wide array of industrial
switches, encoders,
and transducers
Compatibility
Product
CompactRIO
NI CompactDAQ
Logic
Channels
Source/Sink
I/O Delay Time
Signal Levels
Isolation
Connector Options
NI 9401


5 V/TTL
8
Sink/Source
100 ns
5 V

D-Sub
NI 9411


Differential or 5 V/TTL
6
500 ns
±5 to ±24 V

D-Sub
NI 9421


24 V
8
Sink
100 µs
24 V

Screw Terminal, D-Sub
NI 9422


24 V
8
Sink/Source
250 µs
Up to 60 V
 (ch-to-ch)
Screw Terminal
NI 9423


24 V
8
Sink
1 µs
24 V

Screw Terminal
NI 9425


24 V
32
Sink
7 µs
24 V

D-Sub
NI 9435


Universal
4
Sink/Source
3 ms
±5 to 250 VDC, 10 to 250 VAC

Screw Terminal
Table 1. C Series Digital Input and Counter/Timer Module Selection Guide


Similar Part No. - NI9917

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9917 NI-NI9917 Datasheet
1Mb / 6P
   C Series Digital Output and Relay Modules
NI9917 NI-NI9917 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NI9917 NI-NI9917 Datasheet
1Mb / 5P
   C Series Analog Output Modules
More results

Similar Description - NI9917

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICRIO-9411 NI-NICRIO-9411 Datasheet
200Kb / 3P
   CompactRIO Digital Input and Counter/Timer Modules
logo
Omron Electronics LLC
H8GN OMRON-H8GN Datasheet
570Kb / 26P
   Preset Counter/Timer H8GN C-61
logo
National Instruments Co...
NI940X NI-NI940X Datasheet
1Mb / 6P
   C Series Digital Output and Relay Modules
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
   COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
   Timer Counter
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
   Timer, Counter
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
Pepperl+Fuchs Inc.
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com