Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5312DW1T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUN5312DW1T1G
Description  Dual Bias Resistor Transistors
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5312DW1T1G Datasheet(HTML) 1 Page - ON Semiconductor

  MUN5312DW1T1G Datasheet HTML 1Page - ON Semiconductor MUN5312DW1T1G Datasheet HTML 2Page - ON Semiconductor MUN5312DW1T1G Datasheet HTML 3Page - ON Semiconductor MUN5312DW1T1G Datasheet HTML 4Page - ON Semiconductor MUN5312DW1T1G Datasheet HTML 5Page - ON Semiconductor MUN5312DW1T1G Datasheet HTML 6Page - ON Semiconductor MUN5312DW1T1G Datasheet HTML 7Page - ON Semiconductor MUN5312DW1T1G Datasheet HTML 8Page - ON Semiconductor MUN5312DW1T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 12
1
Publication Order Number:
MUN5311DW1T1/D
MUN5311DW1T1G Series
Preferred Devices
Dual Bias Resistor
Transistors
NPN and PNP Silicon Surface Mount
Transistors with Monolithic Bias
Resistor Network
The Bias Resistor Transistor (BRT) contains a single transistor with
a monolithic bias network consisting of two resistors; a series base
resistor and a base−emitter resistor. These digital transistors are
designed to replace a single device and its external resistor bias
network. The BRT eliminates these individual components by
integrating
them
into
a
single
device.
In
the
MUN5311DW1T1G series, two complementary BRT devices are
housed in the SOT−363 package which is ideal for low power surface
mount applications where board space is at a premium.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Available in 8 mm, 7 inch/3000 Unit Tape and Reel
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C unless otherwise noted, common for Q1
and Q2, − minus sign for Q1 (PNP) omitted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD
187 (Note 1)
256 (Note 2)
1.5 (Note 1)
2.0 (Note 2)
mW
mW/°C
Thermal Resistance −
Junction-to-Ambient
RqJA
670 (Note 1)
490 (Note 2)
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD
250 (Note 1)
385 (Note 2)
2.0 (Note 1)
3.0 (Note 2)
mW
mW/°C
Thermal Resistance −
Junction-to-Ambient
RqJA
493 (Note 1)
325 (Note 2)
°C/W
Thermal Resistance −
Junction-to-Lead
RqJL
188 (Note 1)
208 (Note 2)
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 @ Minimum Pad
2. FR−4 @ 1.0 x 1.0 inch Pad
SOT−363
CASE 419B
STYLE 1
MARKING DIAGRAM
Preferred devices are recommended choices for future use
and best overall value.
ORDERING AND DEVICE MARKING
INFORMATION
See detailed ordering, shipping, and specific marking
information in the table on page 2 of this data sheet.
Q1
R1
R2
R2
R1
Q2
(1)
(2)
(3)
(4)
(5)
(6)
http://onsemi.com
1
6
http://onsemi.com
xx M G
G
1
6
xx
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.


Similar Part No. - MUN5312DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5312DW1T1G ONSEMI-MUN5312DW1T1G Datasheet
373Kb / 35P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 11
MUN5312DW1T1G ONSEMI-MUN5312DW1T1G Datasheet
168Kb / 10P
   Complementary Bias Resistor Transistors R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 0
MUN5312DW1T1G ONSEMI-MUN5312DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
MUN5312DW1T1G ONSEMI-MUN5312DW1T1G Datasheet
105Kb / 10P
   Complementary Bias Resistor Transistors
June, 2015 ??Rev. 3
More results

Similar Description - MUN5312DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com