Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6131 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 3Page - ON Semiconductor FS6131 Datasheet HTML 4Page - ON Semiconductor FS6131 Datasheet HTML 5Page - ON Semiconductor FS6131 Datasheet HTML 6Page - ON Semiconductor FS6131 Datasheet HTML 7Page - ON Semiconductor FS6131 Datasheet HTML 8Page - ON Semiconductor FS6131 Datasheet HTML 9Page - ON Semiconductor FS6131 Datasheet HTML 10Page - ON Semiconductor FS6131 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
FS6131
First, the FS6131 is used to sample the output clock with the feedback source clock and set/clear the phase align flag when the two
clocks match to within a feedback source clock period. Then, the clock gobbler is used to delay the output phase relative to the input
phase one VCO clock at a time until a transition on the flag occurs. When a transition occurs, the output and input clocks are phase
aligned.
To enter this mode, set STAT[1] to one and clear STAT[0] to zero. If the CMOS bit is set to one, the LOCK/IPRG pin can display the
flag. The flag is always available under software control by reading back the STAT[1] bit, which will be overwritten by the flag in this
mode.
4.2.4. Feedback Divider Monitoring
The feedback divider clock can be brought out the LOCK/IPRG pin independent of the output clock to allow monitoring of the feedback
divider clock. To enter this mode, set both the STAT[1] and STAT[0] bits to one. The CMOS bit must also be set to one to enable the
LOCK/IPRG pin as an output.
4.3 Loop Gain Analysis
For applications where an external loop filter is required, the following analysis example can be used to determine loop gain and
stability.
The loop gain of a PLL is the product of all of the gains within the loop.
The transfer function of the phase detector and charge pump combination is (in A/rad):
π
2
chgpump
PD
I
K
=
The transfer function of the loop filter is (in V/A):
+
+
=
1
2
1
1
1
)
(
sC
R
sC
s
K
LF
LF
The VCO transfer function (in rad/s, and accounting for the phase integration that occurs in the VCO) is:
s
A
s
K
VCO
VCO
1
2
)
(
π
=
Rev. 4 | Page 7 of 44 | www.onsemi.com


Similar Part No. - FS6131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6131-01 ETC1-FS6131-01 Datasheet
434Kb / 39P
   Programmable Line Lock Clock Generator IC
More results

Similar Description - FS6131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6131-01 ETC1-FS6131-01 Datasheet
434Kb / 39P
   Programmable Line Lock Clock Generator IC
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
   EEPROM Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6370 ONSEMI-FS6370 Datasheet
585Kb / 28P
   EEPROM Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 3
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com