Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN1NK60Z Datasheet(PDF) 9 Page - STMicroelectronics

Part # STN1NK60Z
Description  N-channel 600V - 13廓 - 0.8A - TO-92 - TO-251 - SOT-223 Zener-Protected SuperMESH??Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN1NK60Z Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STN1NK60Z Datasheet HTML 5Page - STMicroelectronics STN1NK60Z Datasheet HTML 6Page - STMicroelectronics STN1NK60Z Datasheet HTML 7Page - STMicroelectronics STN1NK60Z Datasheet HTML 8Page - STMicroelectronics STN1NK60Z Datasheet HTML 9Page - STMicroelectronics STN1NK60Z Datasheet HTML 10Page - STMicroelectronics STN1NK60Z Datasheet HTML 11Page - STMicroelectronics STN1NK60Z Datasheet HTML 12Page - STMicroelectronics STN1NK60Z Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STD1LNK60Z-1 - STQ1NK60ZR-AP - STN1NK60Z
Test circuit
9/16
3
Test circuit
Figure 20. Switching times test circuit for
resistive load
Figure 21. Gate charge test circuit
Figure 22. Test circuit for inductive load
switching and diode recovery times
Figure 23. Unclamped inductive load test
circuit
Figure 24. Unclamped inductive waveform
Figure 25. Switching time waveform


Similar Part No. - STN1NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1NK60Z STMICROELECTRONICS-STN1NK60Z Datasheet
657Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
September 2005 Rev. 6
logo
Microsemi Corporation
STN1NK60Z MICROSEMI-STN1NK60Z Datasheet
732Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STN1NK60ZL STMICROELECTRONICS-STN1NK60ZL Datasheet
707Kb / 12P
   N-channel 600 V, 10.4 typ., 0.44 A SuperMESHTM Power MOSFET in a SOT-223 package
December 2016 Rev 2
More results

Similar Description - STN1NK60Z

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
STD1LNK60Z-1 MICROSEMI-STD1LNK60Z-1_06 Datasheet
732Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
September 2005 Rev. 6
STQ1NK80ZR-AP STMICROELECTRONICS-STQ1NK80ZR-AP Datasheet
630Kb / 15P
   N-CHANNEL 800V - 13 廓 - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STD1NK60 STMICROELECTRONICS-STD1NK60_08 Datasheet
429Kb / 15P
   N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
   N-CHANNEL 600V - 4.4廓 - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
STD2HNK60Z STMICROELECTRONICS-STD2HNK60Z Datasheet
497Kb / 16P
   N-channel 600V - 4.4廓 - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
   N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
   N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
STW18NK80Z STMICROELECTRONICS-STW18NK80Z_06 Datasheet
269Kb / 14P
   N-channel 800V - 0.34廓 - 19A - TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com