Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHD-16032AZ-FL-YBW Datasheet(PDF) 11 Page - Newhaven Display International, Inc.

Part # NHD-16032AZ-FL-YBW
Description  Graphic Liquid Crystal Display Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-16032AZ-FL-YBW Datasheet(HTML) 11 Page - Newhaven Display International, Inc.

Back Button NHD-16032AZ-FL-YBW Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-16032AZ-FL-YBW Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-16032AZ-FL-YBW Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-16032AZ-FL-YBW Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-16032AZ-FL-YBW Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-16032AZ-FL-YBW Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-16032AZ-FL-YBW Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-16032AZ-FL-YBW Datasheet HTML 10Page - Newhaven Display International, Inc. NHD-16032AZ-FL-YBW Datasheet HTML 11Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
[11] 
 
 
Quality Information 
Test Item 
Content of Test 
Test Condition 
Note
High Temperature storage 
Endurance test applying the high 
storage temperature for a long time. 
+80⁰C , 48hrs
Low Temperature storage 
Endurance test applying the low storage 
temperature for a long time. 
‐30⁰C , 48hrs
1,2
High Temperature 
Operation 
Endurance test applying the electric stress 
(voltage & current) and the high thermal 
stress for a long time. 
+70⁰C , 48hrs
Low Temperature 
Operation 
Endurance test applying the electric stress 
(voltage & current) and the low thermal 
stress for a long time. 
‐20⁰C , 48hrs
1,2
High Temperature / 
Humidity Operation 
Endurance test applying the electric stress 
(voltage & current) and the high thermal 
with high humidity stress for a long time. 
+40⁰C , 90% RH ,  48hrs 
1,2
Thermal Shock resistance 
Endurance test applying the electric stress 
(voltage & current) during a cycle of low 
and high thermal stress.  
0⁰C,30min ‐> 25⁰C,5min ‐> 
50⁰C,30min = 1 cycle 
10 cycles 
 
Vibration test 
Endurance test applying vibration to 
simulate transportation and use. 
10‐55Hz , 15mm amplitude. 
60 sec in each of 3 directions 
X,Y,Z 
For 15 minutes 
Static electricity test 
Endurance test applying electric static 
discharge. 
VS=800V, RS=1.5kΩ, CS=100pF 
 One time 
 
Note 1: No condensation to be observed. 
Note 2: Conducted after 4 hours of storage at 25⁰C, 0%RH. 
Note 3: Test performed on product itself, not inside a container. 
 
 
Precautions for using LCDs/LCMs 
See Precautions at www.newhavendisplay.com/specs/precautions.pdf 
 
Warranty Information and Terms & Conditions 
http://www.newhavendisplay.com/index.php?main_page=terms 
 
 


Similar Part No. - NHD-16032AZ-FL-YBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results

Similar Description - NHD-16032AZ-FL-YBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTMI-VZ NEWHAVEN-NHD-240128WG-BTMI-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com