Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHD-24064CZ-FSW-FBW Datasheet(PDF) 4 Page - Newhaven Display International, Inc.

Part # NHD-24064CZ-FSW-FBW
Description  Graphic Liquid Crystal Display Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-24064CZ-FSW-FBW Datasheet(HTML) 4 Page - Newhaven Display International, Inc.

  NHD-24064CZ-FSW-FBW Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-24064CZ-FSW-FBW Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-24064CZ-FSW-FBW Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-24064CZ-FSW-FBW Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-24064CZ-FSW-FBW Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-24064CZ-FSW-FBW Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-24064CZ-FSW-FBW Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-24064CZ-FSW-FBW Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-24064CZ-FSW-FBW Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
[4] 
 
 
Pin Description and Wiring Diagram 
Pin No.  Symbol 
External 
Connection 
Function Description
FGND 
Power Supply 
Frame Ground
VSS 
Power Supply 
Ground
VDD  Power Supply 
Power supply for logic (+5.0V) 
V0 
Adj. Power Supply  Power Supply for contrast (approx ‐8.5V)
/WR 
MPU 
Active LOW Write signal
/RD 
MPU 
Active LOW Read signal
/CE 
MPU 
Active LOW chip enable
C/D 
MPU 
Register select signal  C/D=0: DATA  C/D=1: COMMAND 
VEE 
Power Supply 
Negative voltage output (‐10V) 
10 
RES 
MPU 
Active LOW reset signal
11~18 
DBO~DB7 
MPU 
Bi‐directional 8‐bit data bus
19 
FS 
MPU 
Font Select: 1=6x8 fonts, 0=8x8 fonts
20 
LED+  Power Supply 
Power supply for LED Backlight (+5.0V via 6.8Ω on‐board resistor) 
 
Recommended LCD connector: 2.54mm pitch pins   
Backlight connector:  Anode at Pin 20 of LCD connector    Mates with:  ‐ 
 
 
 
 


Similar Part No. - NHD-24064CZ-FSW-FBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-24064CZ-FSW-GBW NEWHAVEN-NHD-24064CZ-FSW-GBW Datasheet
534Kb / 9P
   Graphic Liquid Crystal Display Module
More results

Similar Description - NHD-24064CZ-FSW-FBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTMI-VZ NEWHAVEN-NHD-240128WG-BTMI-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com