Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2211LT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMUN2211LT1G
Description  Bias Resistor Transistor NPN Silicon Surface Mount Transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2211LT1G Datasheet(HTML) 5 Page - ON Semiconductor

  MMUN2211LT1G Datasheet HTML 1Page - ON Semiconductor MMUN2211LT1G Datasheet HTML 2Page - ON Semiconductor MMUN2211LT1G Datasheet HTML 3Page - ON Semiconductor MMUN2211LT1G Datasheet HTML 4Page - ON Semiconductor MMUN2211LT1G Datasheet HTML 5Page - ON Semiconductor MMUN2211LT1G Datasheet HTML 6Page - ON Semiconductor MMUN2211LT1G Datasheet HTML 7Page - ON Semiconductor MMUN2211LT1G Datasheet HTML 8Page - ON Semiconductor MMUN2211LT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MMUN2211LT1G Series
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS − MMUN2212LT1G
Figure 7. VCE(sat) vs. IC
0.001
0.01
0.1
1
40
IC, COLLECTOR CURRENT (mA)
020
60
80
IC/IB = 10
TA = −25°C
25°C
75°C
Figure 8. DC Current Gain
1000
10
IC, COLLECTOR CURRENT (mA)
100
10
1
100
VCE = 10 V
TA = 75°C
25°C
−25°C
Figure 9. Output Capacitance
Figure 10. Output Current vs. Input Voltage
100
0
Vin, INPUT VOLTAGE (VOLTS)
10
1
0.1
0.01
0.001
24
68
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
0.1
10
20
30
40
50
Figure 11. Input Voltage vs. Output Current
50
010
20
30
40
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 A
TA = 25°C
VO = 5 V
VO = 0.2 V
TA = −25°C
75°C
25°C
TA = −25°C
75°C
25°C


Similar Part No. - MMUN2211LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2211LT1G ONSEMI-MMUN2211LT1G Datasheet
100Kb / 12P
   Bias Resistor Transistor
August, 2005 ??Rev. 7
MMUN2211LT1G ONSEMI-MMUN2211LT1G Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
August, 2012 ??Rev. 4
MMUN2211LT1G ONSEMI-MMUN2211LT1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
February, 2014 ??Rev. 6
MMUN2211LT1G ONSEMI-MMUN2211LT1G Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
More results

Similar Description - MMUN2211LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com