Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM811 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM811
Description  Reset circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM811 Datasheet(HTML) 2 Page - STMicroelectronics

  STM811 Datasheet HTML 1Page - STMicroelectronics STM811 Datasheet HTML 2Page - STMicroelectronics STM811 Datasheet HTML 3Page - STMicroelectronics STM811 Datasheet HTML 4Page - STMicroelectronics STM811 Datasheet HTML 5Page - STMicroelectronics STM811 Datasheet HTML 6Page - STMicroelectronics STM811 Datasheet HTML 7Page - STMicroelectronics STM811 Datasheet HTML 8Page - STMicroelectronics STM811 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Contents
STM809/810/811/812
2/21
Doc ID 9873 Rev 5
Contents
1
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.1
Reset output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.2
Push-button reset input (STM811/812) . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.3
Negative-going VCC transients . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.4
Valid RST output down to VCC = 0 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3
Typical operating characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
5
DC and AC parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
6
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
7
Part numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
8
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20


Similar Part No. - STM811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM811 STMICROELECTRONICS-STM811 Datasheet
255Kb / 18P
   Reset Circuit
STM811LW16F STMICROELECTRONICS-STM811LW16F Datasheet
255Kb / 18P
   Reset Circuit
STM811LWX6F STMICROELECTRONICS-STM811LWX6F Datasheet
255Kb / 18P
   Reset Circuit
STM811MW16F STMICROELECTRONICS-STM811MW16F Datasheet
255Kb / 18P
   Reset Circuit
STM811MWX6F STMICROELECTRONICS-STM811MWX6F Datasheet
255Kb / 18P
   Reset Circuit
More results

Similar Description - STM811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
   Reset Circuit
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
   Reset Circuit
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com