Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NZQA6V8AXV5T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NZQA6V8AXV5T1
Description  Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NZQA6V8AXV5T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NZQA6V8AXV5T1 Datasheet HTML 1Page - ON Semiconductor NZQA6V8AXV5T1 Datasheet HTML 2Page - ON Semiconductor NZQA6V8AXV5T1 Datasheet HTML 3Page - ON Semiconductor NZQA6V8AXV5T1 Datasheet HTML 4Page - ON Semiconductor NZQA6V8AXV5T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
September, 2009 − Rev. 7
1
Publication Order Number:
NZQA5V6AXV5/D
NZQA5V6AXV5 Series
Transient Voltage Suppressors
ESD Protection Diode with Low Clamping
Voltage
This integrated transient voltage suppressor device (TVS) is
designed for applications requiring transient overvoltage protection. It
is intended for use in sensitive equipment such as computers, printers,
business machines, communication systems, medical equipment, and
other applications. Its integrated design provides very effective and
reliable protection for four separate lines using only one package.
These devices are ideal for situations where board space is at a premium.
Features
Low Clamping Voltage
Small SOT−553 SMT Package
Stand Off Voltage: 3 V
Low Leakage Current
Four Separate Unidirectional Configurations for Protection
ESD Protection: IEC61000−4−2: Level 4 ESD Protection
MILSTD 883C − Method 3015−6: Class 3
Complies to USB 1.1 Low Speed & Full Speed Specifications
These are Pb−Free Devices
Benefits
Provides Protection for ESD Industry Standards: IEC 61000, HBM
Protects Four Lines Against Transient Voltage Conditions
Minimize Power Consumption of the System
Minimize PCB Board Space
Typical Applications
Instrumentation Equipment
Serial and Parallel Ports
Microprocessor Based Equipment
Notebooks, Desktops, Servers
Cellular and Portable Equipment
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Value
Unit
Peak Power Dissipation (Note 1)
PPK
20
W
Steady State Power − 1 Diode (Note 2)
PD
380
mW
Thermal Resistance,
Junction−to−Ambient
Above 25°C, Derate
RqJA
327
3.05
°C/W
mW/°C
Maximum Junction Temperature
TJmax
150
°C
Operating Junction and Storage
Temperature Range
TJ Tstg
−55 to
+150
°C
Lead Solder Temperature (10 seconds
duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Non−repetitive current per Figure 5.
2. Only 1 diode under power. For all 4 diodes under power, PD will be 25%.
Mounted on FR−4 board with min pad.
See Application Note AND8308/D for further description of
survivability specs.
SOT−553*
SOT−553
CASE 463B
PLASTIC
5
4
1
2
3
MARKING DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NZQA5V6AXV5T1
SOT−553* 4000/Tape & Reel
NZQA6V8AXV5T1
SOT−553* 4000/Tape & Reel
NZQA6V8AXV5T3
16000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
xx M G
G
xx
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
SOT−553*
NZQA5V6AXV5T1G SOT−553* 4000/Tape & Reel
NZQA6V8AXV5T1G SOT−553* 4000/Tape & Reel
NZQA6V8AXV5T3G
16000/Tape & Reel
*This package is inherently Pb−Free.


Similar Part No. - NZQA6V8AXV5T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZQA6V8AXV5T1 ONSEMI-NZQA6V8AXV5T1 Datasheet
164Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
NZQA6V8AXV5T1G ONSEMI-NZQA6V8AXV5T1G Datasheet
164Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
logo
TECH PUBLIC Electronics...
NZQA6V8AXV5T1G TECHPUBLIC-NZQA6V8AXV5T1G Datasheet
1Mb / 4P
   Low-Capacitance Array with ±15-kV ESD Protection
More results

Similar Description - NZQA6V8AXV5T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZQA6V8AXV5T2G ONSEMI-NZQA6V8AXV5T2G Datasheet
164Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
SRV05-4MR6 ONSEMI-SRV05-4MR6 Datasheet
183Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
November, 2009 ??Rev. 0
logo
Leshan Radio Company
LESD9B5.0ST5G LRC-LESD9B5.0ST5G Datasheet
454Kb / 4P
   Transient Voltage Suppressors for ESD Protection Low Clamping Voltage
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
logo
DONGGUAN YOU FENG WEI E...
RB520CS-30 YFWDIODE-RB520CS-30 Datasheet
530Kb / 2P
   Transient Voltage Suppressors ESD Protection Diode
logo
AiT Semiconductor Inc.
ESD8LS5.0C AITSEMI-ESD8LS5.0C Datasheet
651Kb / 6P
   ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS
REV1.0
GSOT05 AITSEMI-GSOT05 Datasheet
527Kb / 7P
   ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
ON Semiconductor
SZNUP4114HMR6T1G ONSEMI-SZNUP4114HMR6T1G Datasheet
174Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low
May, 2012 ??Rev. 2
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com