Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUF6010MUT2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NUF6010MUT2G
Description  6-Channel EMI Filter with Integrated ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF6010MUT2G Datasheet(HTML) 3 Page - ON Semiconductor

  NUF6010MUT2G Datasheet HTML 1Page - ON Semiconductor NUF6010MUT2G Datasheet HTML 2Page - ON Semiconductor NUF6010MUT2G Datasheet HTML 3Page - ON Semiconductor NUF6010MUT2G Datasheet HTML 4Page - ON Semiconductor NUF6010MUT2G Datasheet HTML 5Page - ON Semiconductor NUF6010MUT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NUF6010MU
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TA= 25°C unless otherwise specified)
FREQUENCY (Hz)
Figure 4. Typical Insertion Loss Curve
REVERSE VOLTAGE (V)
0
0.5
1
1.5
2
0
1
2345
90
92
94
96
98
100
102
104
106
108
110
−40
−20
0
20
40
60
80
TEMPERATURE (°C)
Figure 5. Typical Analog Crosstalk
Figure 6. Typical Capacitance vs.
Reverse Biased Voltage
(Normalized Capacitance, Cd @ 2.5 V)
Figure 7. Typical Resistance over Temperature
FREQUENCY (Hz)
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
1.0E+6
10.0E+6
100.0E+6
1.0E+9
10.0E+9
−80
−70
−60
−50
−40
−30
−20
−10
0
10.0E+6
100.0E+6
1.0E+9
10.0E+9


Similar Part No. - NUF6010MUT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6010MUT2G ONSEMI-NUF6010MUT2G Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 3
More results

Similar Description - NUF6010MUT2G

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
EM6401M SOCAY-EM6401M Datasheet
288Kb / 3P
   6-Channel EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF6400MN ONSEMI-NUF6400MN Datasheet
143Kb / 6P
   6-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 3
NUF6406MN ONSEMI-NUF6406MN_09 Datasheet
143Kb / 6P
   6-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
NUF6410MN ONSEMI-NUF6410MN_09 Datasheet
148Kb / 6P
   6-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
NUF6401 ONSEMI-NUF6401 Datasheet
115Kb / 6P
   6-Channel EMI Filter with Integrated ESD Protection
April, 2013 ??Rev. 2
logo
Socay Electornics Co., ...
EM2376K SOCAY-EM2376K Datasheet
421Kb / 3P
   6-Channel EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF6005MU ONSEMI-NUF6005MU_09 Datasheet
149Kb / 6P
   6-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 4
logo
Alpha & Omega Semicondu...
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8025 AOSMD-AOZ8025 Datasheet
309Kb / 8P
   6-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com