Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHD-240128WG-BTMI-VZ Datasheet(PDF) 5 Page - Newhaven Display International, Inc.

Part # NHD-240128WG-BTMI-VZ
Description  Graphic Liquid Crystal Display Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-240128WG-BTMI-VZ Datasheet(HTML) 5 Page - Newhaven Display International, Inc.

  NHD-240128WG-BTMI-VZ Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-240128WG-BTMI-VZ Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-240128WG-BTMI-VZ Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-240128WG-BTMI-VZ Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-240128WG-BTMI-VZ Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-240128WG-BTMI-VZ Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-240128WG-BTMI-VZ Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-240128WG-BTMI-VZ Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-240128WG-BTMI-VZ Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
[5] 
 
Electrical Characteristics 
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Operating Temperature Range 
Top 
Absolute Max
‐20
+70 ⁰C 
Storage Temperature Range 
Tst 
Absolute Max
‐30
+80 ⁰C 
Supply Voltage 
VDD 
4.75
5.0
5.25 
Supply Current 
IDD 
Ta=25°, VDD=5.0V
45
55
60 
mA
Supply for LCD (contrast) 
VDD‐V0 
Ta=25°
19.5
‐ 
“H” Level input 
Vih 
VDD‐2.2
VDD 
“L” Level input 
Vil 
0
0.8 
“H” Level output 
Voh 
VDD‐0.3
VDD 
“L” Level output 
Vol 
0
0.3 
  
 
 
Backlight Supply Voltage 
Vled 
3.4
3.5
3.6 
Backlight Supply Current  
Iled 
Vled=3.5V
160
180
225 
mA
Backlight Lifetime ‐ 
Iled=180mA
50,000
‐ 
Hrs.
 
 
Optical Characteristics 
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Viewing Angle ‐ Vertical (top) 
AH 
Cr ≥ 2
30
‐ 
⁰ 
Viewing Angle‐ Vertical (bottom) 
AH 
Cr ≥ 2
60
‐ 
⁰ 
Viewing Angle‐ Horizontal (left) 
AV 
Cr ≥ 2
45
‐ 
⁰ 
Viewing Angle ‐ Horizontal (right) 
AV 
Cr ≥ 2
45
‐ 
⁰ 
Contrast Ratio 
Cr 
5
  
Response Time (rise) 
Tr 
150
200 
ms
Response Time (fall) 
Tf 
150
200 
ms
 
 
 
Controller Information 
Built‐in RA6963. Download specification at http://www.newhavendisplay.com/app_notes/RA6963.pdf 
  
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - NHD-240128WG-BTMI-VZ

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-BTML-VZ NEWHAVEN-NHD-240128WG-BTML-VZ Datasheet
603Kb / 10P
   Graphic Liquid Crystal Display Module
More results

Similar Description - NHD-240128WG-BTMI-VZ

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com