Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM706R Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM706R
Description  3 V supervisor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706R Datasheet(HTML) 1 Page - STMicroelectronics

  STM706R Datasheet HTML 1Page - STMicroelectronics STM706R Datasheet HTML 2Page - STMicroelectronics STM706R Datasheet HTML 3Page - STMicroelectronics STM706R Datasheet HTML 4Page - STMicroelectronics STM706R Datasheet HTML 5Page - STMicroelectronics STM706R Datasheet HTML 6Page - STMicroelectronics STM706R Datasheet HTML 7Page - STMicroelectronics STM706R Datasheet HTML 8Page - STMicroelectronics STM706R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
August 2010
Doc ID 10518 Rev 10
1/33
1
STM706T/S/R, STM706P, STM708T/S/R
3 V supervisor
Features
Precision VCC monitor
– STM706/708
T: 3.00 V
≤ VRST ≤ 3.15 V
S: 2.88 V
≤ VRST ≤ 3.00 V
R: STM706P: 2.59 V
≤ VRST ≤ 2.70 V
RST and RST outputs
200 ms (typ.) trec
Watchdog timer - 1.6 s (typ.)
Manual reset input (MR)
Power-fail comparator (PFI/PFO)
Low supply current - 40 µA (typ.)
Guaranteed RST (RST) assertion down to
VCC = 1.0 V
Operating temperature: –40 °C to 85 °C
(industrial grade)
RoHS compliance
– Lead-free components are compliant with
the RoHS directive
1.
Contact local ST sales office for availability.
8
1
SO8 (M)
TSSOP8 3x3 (DS)(1)
Table 1.
Device summary
Watchdog
input
Watchdog
output(1)
Active-low
RST(1)
Active-high
RST(1)
Manual
reset input
Power-fail
comparator
STM706T/S/R
✓✓
STM706P(2)
✓✓
STM708T/S/R
✓✓
1.
Push-pull output.
2.
The STM706P is identical to the STM706R, except its reset output is active-high.
www.st.com


Similar Part No. - STM706R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM706R STMICROELECTRONICS-STM706R Datasheet
468Kb / 26P
   3V Supervisor
STM706R STMICROELECTRONICS-STM706R Datasheet
706Kb / 32P
   3 V supervisor
STM706RDS6E STMICROELECTRONICS-STM706RDS6E Datasheet
468Kb / 26P
   3V Supervisor
STM706RDS6F STMICROELECTRONICS-STM706RDS6F Datasheet
468Kb / 26P
   3V Supervisor
STM706RM6E STMICROELECTRONICS-STM706RM6E Datasheet
468Kb / 26P
   3V Supervisor
More results

Similar Description - STM706R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM706TAM6F STMICROELECTRONICS-STM706TAM6F Datasheet
706Kb / 32P
   3 V supervisor
STM706PAM6F STMICROELECTRONICS-STM706PAM6F Datasheet
706Kb / 32P
   3 V supervisor
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
STM705 STMICROELECTRONICS-STM705_10 Datasheet
838Kb / 32P
   5 V supervisor
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com