Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78PC30NTRG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC78PC30NTRG
Description  Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78PC30NTRG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC78PC30NTRG Datasheet HTML 3Page - ON Semiconductor MC78PC30NTRG Datasheet HTML 4Page - ON Semiconductor MC78PC30NTRG Datasheet HTML 5Page - ON Semiconductor MC78PC30NTRG Datasheet HTML 6Page - ON Semiconductor MC78PC30NTRG Datasheet HTML 7Page - ON Semiconductor MC78PC30NTRG Datasheet HTML 8Page - ON Semiconductor MC78PC30NTRG Datasheet HTML 9Page - ON Semiconductor MC78PC30NTRG Datasheet HTML 10Page - ON Semiconductor MC78PC30NTRG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC78PC00 Series
http://onsemi.com
7
3.08
−50
TA, TEMPERATURE (°C)
−25
0
25
50
75
100
3.06
3.05
3.04
2.92
2.90
2.94
3.02
3.00
2.98
2.96
VIN = 4.0 V
IOUT = 10 mA
4.10
−50
−25
0
25
50
75
100
4.08
4.06
4.04
3.92
3.90
3.94
4.02
4.00
3.98
3.96
VIN = 5.0 V
IOUT = 10 mA
TA, TEMPERATURE (°C)
5.10
−50
−25
0
25
50
75
100
5.08
5.06
5.04
4.92
4.90
4.94
5.02
5.00
4.98
4.96
VIN = 6.0 V
IOUT = 10 mA
TA, TEMPERATURE (°C)
50
2.0
3.0
4.0
5.0
6.0
7.0
8.0
40
0
10
30
20
TA = 25°C
VIN, INPUT VOLTAGE (VOLTS)
1.90
−50
TA, TEMPERATURE (°C)
Figure 17. MPC78PC18 Output Voltage
versus Temperature
−25
0
25
50
75
100
1.88
1.86
1.84
1.72
1.70
1.74
1.82
1.80
1.78
1.76
VIN = 2.8 V
IOUT = 30 mA
Figure 18. MC78PC30 Output
Voltage versus Temperature
Figure 19. MC78PC40 (4.0 V) Output
Voltage versus Temperature
Figure 20. MC78PC50 Output
Voltage versus Temperature
60
1.0
3.0
4.0
5.0
6.0
7.0
8.0
40
0
10
30
20
TA = 25°C
VIN, INPUT VOLTAGE (VOLTS)
Figure 21. MC78PC18 Supply Current
versus Input Voltage
Figure 22. MC78PC30 Supply Current
versus Input Voltage
2.0
50


Similar Part No. - MC78PC30NTRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78PC30NTR ONSEMI-MC78PC30NTR Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
More results

Similar Description - MC78PC30NTRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com