Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78FC33HT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC78FC33HT1G
Description  Micropower Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78FC33HT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MC78FC33HT1G Datasheet HTML 1Page - ON Semiconductor MC78FC33HT1G Datasheet HTML 2Page - ON Semiconductor MC78FC33HT1G Datasheet HTML 3Page - ON Semiconductor MC78FC33HT1G Datasheet HTML 4Page - ON Semiconductor MC78FC33HT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 7
1
Publication Order Number:
MC78FC00/D
MC78FC00 Series
Micropower Voltage
Regulator
The MC78FC00 series voltage regulators are specifically designed
for use as a power source for video instruments, handheld
communication equipment, and battery powered equipment.
The MC78FC00 series voltage regulator ICs feature a high accuracy
output voltage and ultra−low quiescent current. Each device contains a
voltage reference unit, an error amplifier, a driver transistor, and
resistors for setting output voltage, and a current limit circuit. These
devices are available in SOT−89 surface mount packages, and allow
construction of an efficient, constant voltage power supply circuit.
Features
Ultra−Low Quiescent Current of 1.1 mA Typical
Ultra−Low Dropout Voltage (100 mV at 10 mA)
Large Output Current (up to 120 mA)
Excellent Line Regulation (0.1%)
Wide Operating Voltage Range (2.0 V to 10 V)
High Accuracy Output Voltage (±2.5%)
Wide Output Voltage Range (2.0 V to 6.0 V)
Surface Mount Package (SOT−89)
These are Pb−Free Devices
Figure 1. Representative Block Diagram
This device contains 11 active transistors.
2
Vin
1
GND
3
VO
Vref
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOT−89
H SUFFIX
CASE 1213
MICROPOWER ULTRA−LOW
QUIESCENT CURRENT
VOLTAGE REGULATORS
MARKING DIAGRAM
http://onsemi.com
PIN CONNECTIONS
STANDARD APPLICATION
MC78FCXX
CO
Cin
Input
Output
TAB
1
(Tab is connected
to Pin 2)
1
2
3
(Top View)
Ground
Input
Output
Tab
2
3
1
See detailed ordering, marking, and shipping information on
page 4 of this data sheet.
ORDERING INFORMATION
X
X
X
= Device Code
T
= Traceability Information
T T


Similar Part No. - MC78FC33HT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78FC33HT1 MOTOROLA-MC78FC33HT1 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC33HT1 ONSEMI-MC78FC33HT1 Datasheet
84Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
MC78FC33HT1 ONSEMI-MC78FC33HT1 Datasheet
55Kb / 8P
   Micropower Voltage Regulator
April, 2001 ??Rev. 2
More results

Similar Description - MC78FC33HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00_16 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
August, 2016 ??Rev. 11
MC78BC00 ONSEMI-MC78BC00 Datasheet
60Kb / 8P
   Micropower Voltage Regulator
January, 2003 - Rev. 4
MC78FC00 ONSEMI-MC78FC00 Datasheet
55Kb / 8P
   Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78LC00 ONSEMI-MC78LC00_09 Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC00 ONSEMI-MC78LC00_06 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
logo
Texas Instruments
SM72238 TI1-SM72238_14 Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
logo
Fairchild Semiconductor
RC2951 FAIRCHILD-RC2951 Datasheet
103Kb / 11P
   Adjustable Micropower Voltage Regulator
logo
National Semiconductor ...
SM72238 NSC-SM72238 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com