Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4898NFT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMFS4898NFT1G
Description  Power MOSFET 30 V, 117 A, Single N?묬hannel, SO??FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4898NFT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTMFS4898NFT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4898NFT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4898NFT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4898NFT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4898NFT1G Datasheet HTML 5Page - ON Semiconductor NTMFS4898NFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTMFS4898NF
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Unit
Max
Typ
Min
Test Condition
Symbol
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
11.3
ns
Rise Time
tr
17.8
Turn−Off Delay Time
td(OFF)
37.3
Fall Time
tf
5.6
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 2.0 A
TJ = 25°C
0.38
0.70
V
TJ = 125°C
0.31
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 30 A
26.7
ns
Charge Time
ta
13.7
Discharge Time
tb
13.0
Reverse Recovery Charge
QRR
17.3
nC
PACKAGE PARASITIC VALUES
Source Inductance
LS
TA = 25°C
0.65
nH
Drain Inductance
LD
0.20
Gate Inductance
LG
1.5
Gate Resistance
RG
1.4
W
3. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.
TYPICAL CHARACTERISTICS
4.0 V
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
5
4
3
2
1
0
0
20
40
60
80
160
180
200
4
3
2
1
0
20
40
160
100
120
140
TJ = 25°C
VGS = 4.4 V
10 V
7.5 V
4.2 V
3.8 V
3.6 V
3.4 V
3.2 V
3.0 V
2.8 V
VDS = 10 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
60
80
120
140
100
4.5
3.5
2.5
1.5
0.5
4.5
3.5
2.5
1.5


Similar Part No. - NTMFS4898NFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4898NFT1G ONSEMI-NTMFS4898NFT1G Datasheet
144Kb / 6P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, SO??FL
June, 2010 ??Rev. 2
More results

Similar Description - NTMFS4898NFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4898NF ONSEMI-NTMFS4898NF Datasheet
144Kb / 6P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, SO??FL
June, 2010 ??Rev. 2
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com