Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1361C-133AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1361C-133AXC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1361C-133AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1361C-133AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CY7C1361C/CY7C1363C
9-Mbit (256K x 36/512K x 18)
Flow-Through SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05541 Rev. *G
Revised August 26, 2009
Features
Supports 100, 133 MHz Bus Operations
Supports 100 MHz Bus Operations (Automotive)
256K × 36/512K × 18 Common I/O
3.3V –5% and +10% Core Power Supply (VDD)
2.5V or 3.3V I/O Power Supply (VDDQ)
Fast Clock-to-Output Times
6.5 ns (133-MHz version)
Provide High Performance 2-1-1-1 Access Rate
User-selectable Burst Counter supporting Intel® Pentium®
Interleaved or Linear Burst Sequences
Separate Processor and Controller Address Strobes
Synchronous Self-timed Write
Asynchronous Output Enable
Available in Pb-free 100-Pin TQFP Package, Pb-free and non
Pb-free 119-Ball BGA Package, and 165-Ball FBGA Package
TQFP Available with 3-Chip Enable and 2-Chip Enable
IEEE 1149.1 JTAG-Compatible Boundary Scan
“ZZ” Sleep Mode option
Functional Description
The CY7C1361C/CY7C1363C[1] is a 3.3V, 256K x 36/512K x 18
synchronous flow-through SRAMs, respectively designed to
interface with high speed microprocessors with minimum glue
logic. Maximum access delay from clock rise is 6.5 ns (133 MHz
version). A 2-bit on-chip counter captures the first address in a
burst and increments the address automatically for the rest of the
burst access. All synchronous inputs are gated by registers
controlled by a positive-edge-triggered Clock Input (CLK). The
synchronous inputs include all addresses, all data inputs,
address-pipelining Chip Enable (CE1), depth-expansion Chip
Enables (CE2 and CE3[2]), Burst Control inputs (ADSC, ADSP,
and ADV), Write Enables (BWx, and BWE), and Global Write
(GW). Asynchronous inputs include the Output Enable (OE) and
the ZZ pin.
The CY7C1361C/CY7C1363C enables either interleaved or
linear burst sequences, selected by the MODE input pin. A HIGH
selects an interleaved burst sequence, while a LOW selects a
linear burst sequence. Burst accesses can be initiated with the
Processor Address Strobe (ADSP) or the cache Controller
Address Strobe (ADSC) inputs. Address advancement is
controlled by the Address Advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or Address
Strobe Controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
Advance pin (ADV).
The CY7C1361C/CY7C1363C operates from a +3.3V core
power supply while all outputs may operate with either a +2.5 or
+3.3V supply. All inputs and outputs are JEDEC-standard
JESD8-5-compatible.
Selection Guide
Description
133 MHz
100 MHz
Unit
Maximum Access Time
6.5
8.5
ns
Maximum Operating Current
250
180
mA
Maximum CMOS Standby Current
Commercial/
Industrial
40
40
mA
Automotive
60
mA
Notes
1. For best-practices recommendations, refer to the Cypress application note System Design Guidelines on www.cypress.com.
2. CE3 is for A version of TQFP (3 Chip Enable Option) and 165 FBGA package only. 119 BGA is offered only in 2 Chip Enable.
[+] Feedback


Similar Part No. - CY7C1361C-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
More results

Similar Description - CY7C1361C-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com