Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1511KV18 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1511KV18
Description  72-Mbit QDR II SRAM 4-Word Burst Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1511KV18 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1511KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1511KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1511KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1511KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1511KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1511KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1511KV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1511KV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1511KV18 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY7C1511KV18, CY7C1526KV18
CY7C1513KV18, CY7C1515KV18
Document Number: 001-00435 Rev. *G
Page 7 of 31
CQ
Echo Clock
CQ Referenced with Respect to C. This is a free running clock and is synchronized to the input clock
for output data (C) of the QDR II. In the single clock mode, CQ is generated with respect to K. The timings
for the echo clocks are shown in the Switching Characteristics on page 25.
CQ
Echo Clock
CQ Referenced with Respect to C. This is a free running clock and is synchronized to the input clock
for output data (C) of the QDR II. In the single clock mode, CQ is generated with respect to K. The timings
for the echo clocks are shown in the Switching Characteristics on page 25.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system data
bus impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 x RQ, where RQ is a resistor
connected between ZQ and ground. Alternatively, this pin can be connected directly to VDDQ, which
enables the minimum impedance mode. This pin cannot be connected directly to GND or left uncon-
nected.
DOFF
Input
PLL Turn Off
− Active LOW. Connecting this pin to ground turns off the PLL inside the device. The
timings in the PLL turned off operation differs from those listed in this data sheet. For normal operation,
this pin is connected to a pull up through a 10 K
Ω or less pull up resistor. The device behaves in QDR I
mode when the PLL is turned off. In this mode, the device can be operated at a frequency of up to 167
MHz with QDR I timing.
TDO
Output
TDO for JTAG.
TCK
Input
TCK Pin for JTAG.
TDI
Input
TDI Pin for JTAG.
TMS
Input
TMS Pin for JTAG.
NC
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/144M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/288M
N/A
Not Connected to the Die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power Supply Inputs to the Core of the Device.
VSS
Ground
Ground for the Device.
VDDQ
Power Supply Power Supply Inputs for the Outputs of the Device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description
[+] Feedback


Similar Part No. - CY7C1511KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511KV18-300BZC CYPRESS-CY7C1511KV18-300BZC Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18-300BZI CYPRESS-CY7C1511KV18-300BZI Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18-300BZXC CYPRESS-CY7C1511KV18-300BZXC Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18-300BZXI CYPRESS-CY7C1511KV18-300BZXI Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1511KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18_06 Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com