Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64345-32LQXCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C64345-32LQXCT
Description  enCoRe V Full Speed USB Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64345-32LQXCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C64345-32LQXCT Datasheet HTML 1Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 2Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 3Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 4Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 5Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
CY7C6431x
CY7C6434x, CY7C6435x
Document Number: 001-12394 Rev *I
Page 2 of 32
Functional Overview
The enCoRe V family of devices are designed to replace multiple
traditional full-speed USB microcontroller system components
with one, low cost single-chip programmable component.
Communication peripherals (I2C/SPI), a fast CPU, Flash
program memory, SRAM data memory, and configurable I/O are
included in a range of convenient pinouts.
The architecture for this device family, as illustrated in the
“enCoRe V Block Diagram” on page 1, consists of two main
areas: the CPU core and the system resources. Depending on
the enCoRe V package, up to 36 general purpose I/O (GPIO) are
also included.
This product is an enhanced version of Cypress’s successful full
speed-USB peripheral controllers. Enhancements include faster
CPU at lower voltage operation, lower current consumption,
twice the RAM and Flash, hot-swappable I/Os, I2C hardware
address recognition, new very low current sleep mode, and new
package options.
The enCoRe V Core
The enCoRe V Core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and IMO
(internal main oscillator) and ILO (internal low speed oscillator).
The CPU core, called the M8C, is a powerful processor with
speeds up to 24 MHz. The M8C is a four-MIPS, 8-bit Harvard
architecture microprocessor.
System resources provide additional capability, such as a config-
urable I2C slave and SPI master-slave communication interface
and various system resets supported by the M8C.
Full-Speed USB
The enCoRe V USB system resource adheres to the USB 2.0
Specification for full speed devices operating at 12 Mb/second
with one upstream port and one USB address. enCoRe V USB
consists of these components:
Serial Interface Engine (SIE) block.
PSoC Memory Arbiter (PMA) block.
512 bytes of dedicated SRAM.
A full-speed USB Transceiver with internal regulator and two
dedicated USB pins.
Figure 1. USB Transceiver Regulator
At the enCoRe V system level, the full-speed USB system
resource interfaces to the rest of the enCoRe V by way of the
M8C's register access instructions and to the outside world by
way of the two USB pins. The SIE supports nine endpoints
including a bidirectional control endpoint (endpoint 0) and eight
unidirectional data endpoints (endpoints 1 to 8). The unidirec-
tional data endpoints are individually configurable as either IN or
OUT.
The USB Serial Interface Engine (SIE) allows the enCoRe V
device to communicate with the USB host at full speed data rates
(12 Mb/s). The SIE simplifies the interface to USB traffic by
automatically handling the following USB processing tasks
without firmware intervention:
Translates the encoded received data and formats the data to
be transmitted on the bus.
Generates and checks CRCs. Incoming packets failing
checksum verification are ignored.
Checks addresses. Ignores all transactions not addressed to
the device.
Sends appropriate ACK/NAK/Stall handshakes.
Identifies token type (SETUP, IN, OUT) and sets the appro-
priate token bit once a valid token in received.
Identifies Start-of-Frame (SOF) and saves the frame count.
Sends data to or retrieves data from the USB SRAM, by way
of the PSoC Memory Arbiter (PMA).
VOLTAGE
REGULATOR
5V 3.3V
1.5K
5K
PS2 Pull Up
DP
DM
TEN
TD
PDN
RD
DPO
RSE0
DMO
RECEIVERS
TRANSMITTER
[+] Feedback


Similar Part No. - CY7C64345-32LQXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
More results

Similar Description - CY7C64345-32LQXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_11 Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com