Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20180-SX2I Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C20180-SX2I
Description  CapSense Express Button Capacitive Controllers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20180-SX2I Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C20180-SX2I Datasheet HTML 2Page - Cypress Semiconductor CY8C20180-SX2I Datasheet HTML 3Page - Cypress Semiconductor CY8C20180-SX2I Datasheet HTML 4Page - Cypress Semiconductor CY8C20180-SX2I Datasheet HTML 5Page - Cypress Semiconductor CY8C20180-SX2I Datasheet HTML 6Page - Cypress Semiconductor CY8C20180-SX2I Datasheet HTML 7Page - Cypress Semiconductor CY8C20180-SX2I Datasheet HTML 8Page - Cypress Semiconductor CY8C20180-SX2I Datasheet HTML 9Page - Cypress Semiconductor CY8C20180-SX2I Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CY8C20110/CY8C20180/CY8C20160
CY8C20140/CY8C20142
Document Number: 001-54606 Rev. **
Page 6 of 29
Circuit 3 - Compatibility with 1.8V I2C Signaling
Note 1.8V
≤ VDD_I2C ≤ VDD_CE and 2.4V ≤ VDD_CE ≤ 5.25V
Circuit 4 - Powering Down CapSense Express Device for Low Power Requirements
For low power requirements, if Vdd is to be turned off, this concept can be used. The requirement is that the Vdds of CapSense
Express, I2C pull ups, and LEDs should be from the same source such that turning off the Vdd ensures that no signal is applied to
the device while it is unpowered. The I2C signals should not be driven high by the master in this situation. If a port pin or group of port
pins of the master can cater to the power supply requirements of the circuit, the LDO can be avoided.
 
Master
Or
Host
LDO
CapSense Express
I2C Pull
UPs
LED
I2C
BUS
SDA
SCL
VDD
Output
Output
enable
[+] Feedback
[+] Feedback


Similar Part No. - CY8C20180-SX2I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20180-SX2I CYPRESS-CY8C20180-SX2I Datasheet
333Kb / 12P
   CapSense Express??-8 Configurable IOs
CY8C20180-SX2I CYPRESS-CY8C20180-SX2I Datasheet
390Kb / 16P
   CapSense Express-8 Configurable IOs
CY8C20180-SX2I CYPRESS-CY8C20180-SX2I Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
More results

Similar Description - CY8C20180-SX2I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20111 CYPRESS-CY8C20111_11 Datasheet
948Kb / 43P
   CapSense Express ??One Button and Two Button Capacitive Controllers
CY8C20111 CYPRESS-CY8C20111 Datasheet
756Kb / 34P
   CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8CMBR2044 CYPRESS-CY8CMBR2044 Datasheet
1Mb / 26P
   Capacitive Button Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com