Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CPLC20-28PVXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8CPLC20-28PVXI
Description  Powerline Communication Solution
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CPLC20-28PVXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8CPLC20-28PVXI Datasheet HTML 5Page - Cypress Semiconductor CY8CPLC20-28PVXI Datasheet HTML 6Page - Cypress Semiconductor CY8CPLC20-28PVXI Datasheet HTML 7Page - Cypress Semiconductor CY8CPLC20-28PVXI Datasheet HTML 8Page - Cypress Semiconductor CY8CPLC20-28PVXI Datasheet HTML 9Page - Cypress Semiconductor CY8CPLC20-28PVXI Datasheet HTML 10Page - Cypress Semiconductor CY8CPLC20-28PVXI Datasheet HTML 11Page - Cypress Semiconductor CY8CPLC20-28PVXI Datasheet HTML 12Page - Cypress Semiconductor CY8CPLC20-28PVXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
CY8CPLC20
Document Number: 001-48325 Rev. *E
Page 9 of 44
2.1.2 The Analog System
The analog system contains 12 configurable blocks, each
containing an opamp circuit, enabling the creation of complex
analog signal flows. Analog peripherals are very flexible and can
be customized to support specific application requirements.
Some of the more common PSoC analog functions (most
available as user modules) are:
Analog-to-digital converters (up to four, with 6- to 14-bit
resolution, selectable as Incremental, Delta Sigma, and SAR)
Filters (2, 4, 6, or 8 pole band pass, low pass, and notch)
Amplifiers (up to four, with selectable gain to 48x)
Instrumentation amplifiers (up to two, with selectable gain to
93x)
Comparators (up to four, with 16 selectable thresholds)
DACs (up to four, with 6- to 9-bit resolution)
Multiplying DACs (up to four, with 6- to 9-bit resolution)
High current output drivers (4 with 40 mA drive as a Core
Resource)
1.3V reference (as a System Resource)
DTMF Dialer
Modulators
Correlators
Peak detectors
Many other topologies possible
Analog blocks are provided in columns of three, which includes
one CT (continuous time) and two SC (switched capacitor)
blocks, as shown in the Figure 2-4..
Figure 2-4. Analog System Block Diagram
ACB00
ACB01
Block Array
Array Input Configuration
ACI1[1:0]
ACI2[1:0]
ACB02
ACB03
ASC12
ASD13
ASD22
ASC23
ASD20
ACI0[1:0]
ACI3[1:0]
P0[6]
P0[4]
P0[2]
P0[0]
P2[2]
P2[0]
P2[6]
P2[4]
P0[7]
P0[5]
P0[3]
P0[1]
P2[3]
P2[1]
Reference
Generators
AGNDIn
RefIn
Bandgap
RefHi
RefLo
AGND
ASD11
ASC21
ASC10
Interface to
Digital System
M8C Interface (Address Bus, Data Bus, Etc.)
Analog Reference
[+] Feedback
[+] Feedback


Similar Part No. - CY8CPLC20-28PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC20-28PVXI CYPRESS-CY8CPLC20-28PVXI Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
CY8CPLC20-28PVXI CYPRESS-CY8CPLC20-28PVXI Datasheet
902Kb / 56P
   Powerline Communication Solution
CY8CPLC20-28PVXIT CYPRESS-CY8CPLC20-28PVXIT Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
CY8CPLC20-28PVXIT CYPRESS-CY8CPLC20-28PVXIT Datasheet
902Kb / 56P
   Powerline Communication Solution
More results

Similar Description - CY8CPLC20-28PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10 Datasheet
1Mb / 25P
   Powerline Communication Solution
CY8CPLC10 CYPRESS-CY8CPLC10_11 Datasheet
986Kb / 34P
   Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20_12 Datasheet
902Kb / 56P
   Powerline Communication Solution
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
   Powerline Communication Solution Integrated Powerline Modem PHY
CY8CPLC20 CYPRESS-CY8CPLC20_11 Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
   CAN over Powerline Communication
DCB500 YAMAR-DCB500 Datasheet
168Kb / 1P
   Transceiver for Powerline Communication
logo
STMicroelectronics
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
   Broadband powerline communication SoC optimized
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
MAX20340 MAXIM-MAX20340_V01 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com