Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CPLC20-OCD Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8CPLC20-OCD
Description  Powerline Communication Solution
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CPLC20-OCD Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8CPLC20-OCD Datasheet HTML 1Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 2Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 3Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 4Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 5Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 6Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 7Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 8Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
CY8CPLC20
Document Number: 001-48325 Rev. *E
Page 3 of 44
The intermediate frequency (IF) band pass filters further remove
out-of-band noise as required for further demodulation. This
signal is fed to the correlator, which produces a DC component
(consisting of logic ‘1’ and ‘0’) and a higher frequency
component.
The output of the correlator is fed to a low pass filter (LPF) that
outputs only the demodulated digital data at 2400 baud and
suppresses all other higher frequency components generated in
the correlation process. The output of the LPF is digitized by the
hysteresis comparator. This eliminates the effects of correlator
delay and false logic triggers due to noise. The digital receiver
deserializes this data and outputs to the network layer for inter-
pretation.
1.2.3 Coupling Circuit Reference Design
The coupling circuit couples low voltage signals from the
CY8CPLC20 to the powerline. The topology of this circuit is
determined by the voltage on the powerline and design
constraints mandated by powerline usage regulations.
Cypress provides reference designs for a range of powerline
voltages including 110V/240V AC and 12V/24V AC/DC. The
CY8CPLC20 is capable of data communication over other
AC/DC Powerlines as well with the appropriate external coupling
circuit. The 110V AC and 240V AC designs are compliant to the
following powerline usage regulations:
FCC Part 15 for North America
EN 50065-1:2001 for Europe
1.3 Network Protocol
Cypress’s powerline optimized network protocol performs the
functions of the data link and network layers in an
ISO/OSI-equivalent model.
Figure 1-3. Powerline Network Protocol
The network protocol implemented on the CY8CPLC20 supports
the following features:
Bidirectional half-duplex communication
Master-slave or peer-to-peer network topologies
Multiple masters on powerline network
8-bit logical addressing supports up to 256 powerline nodes
16-bit extended logical addressing supports up to 65536
powerline nodes
64-bit physical addressing supports up to 264 powerline nodes
Individual, broadcast or group mode addressing
Carrier Sense Multiple Access (CSMA)
Full control over transmission parameters
Acknowledged
Unacknowledged
Repeated Transmit
1.3.1 CSMA and Timing Parameters
CSMA – The protocol provides the random selection of a period
between 85 and 115 ms (out of seven possible values in this
range) in which the Band-In-Use (BIU) detector must indicate
that the line is not in use, before attempting a transmission.
BIU – A Band-In-Use detector, as defined under CENELEC EN
50065-1, is active whenever a signal that exceeds 86 dBmVrms
anywhere in the range 131.5 kHz to 133.5 kHz is present for
at least 4 ms. This threshold can be configured for different
end-system applications not requiring CENELEC
compliance.The modem tries to retransmit after every 85 to
115 ms when the band is in use. The transmitter times out after
1.1 seconds to 3 seconds (depending on the noise on the
Powerline) and generates an interrupt to indicate that the trans-
mitter was unable to acquire the powerline.
1.3.2 Powerline Transceiver Packet
The powerline network protocol defines a Powerline Transceiver
(PLT) packet structure, which is used for data transfer between
nodes across the powerline. Packet formation and data trans-
mission across the powerline network are implemented internally
in CY8CPLC20.
A PLT packet is divided into a variable length header (minimum
6 bytes to maximum 20 bytes, depending on address type), a
variable length payload (minimum 0 bytes to maximum 31
bytes), and a packet CRC byte.
This packet (preceded by a one byte preamble “0xAB”) is then
transmitted by the powerline modem PHY and the external
coupling circuit across the powerline.
The format of the PLT packet is shown in Table 1-1 on page 4.
Powerline Network
Protocol
Physical Layer FSK
Modem
Powerline Communication Solution
Powerline Transceiver Packet
Programmable
System Resources
Digital and Analog
Peripherals
PSoC Core
Additional System
Resources
MAC, Decimator, I2C,
SPI, UART etc.
PLC Core
Embedded Application
[+] Feedback
[+] Feedback


Similar Part No. - CY8CPLC20-OCD

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC20-OCD CYPRESS-CY8CPLC20-OCD Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
CY8CPLC20-OCD CYPRESS-CY8CPLC20-OCD Datasheet
902Kb / 56P
   Powerline Communication Solution
More results

Similar Description - CY8CPLC20-OCD

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10 Datasheet
1Mb / 25P
   Powerline Communication Solution
CY8CPLC10 CYPRESS-CY8CPLC10_11 Datasheet
986Kb / 34P
   Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20_12 Datasheet
902Kb / 56P
   Powerline Communication Solution
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
   Powerline Communication Solution Integrated Powerline Modem PHY
CY8CPLC20 CYPRESS-CY8CPLC20_11 Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
   CAN over Powerline Communication
DCB500 YAMAR-DCB500 Datasheet
168Kb / 1P
   Transceiver for Powerline Communication
logo
STMicroelectronics
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
   Broadband powerline communication SoC optimized
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
MAX20340 MAXIM-MAX20340_V01 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com